Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925-S/CL Datasheet(PDF) 179 Page - Microchip Technology

Part # PIC16C925-S/CL
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925-S/CL Datasheet(HTML) 179 Page - Microchip Technology

Back Button PIC16C925-S/CL Datasheet HTML 174Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 175Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 176Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 177Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 178Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 179Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 180Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 181Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 182Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 179 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 177
PIC16C925/926
PIC16C925/926 PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
PART NO.
−
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device
PIC16C92X(1), PIC16C92XT(2);
VDD range 4.0V to 5.5V
PIC16LC92X(1), PIC16LC92XT(2);
VDD range 2.5V to 5.5V
Temperature
Range
I=
-40
°C to +85°C (Industrial)
S=
-40
°C to +85°C (Industrial, tape/reel)
-
=
0
°C to +70°C(Commercial)
T
=
0
°C to +70°C(Commercial,
tape/reel)
Package
CL =
Windowed CERQUAD(3)
PT =
TQFP (Thin Quad Flatpack)
L=
PLCC
Pattern
QTP, SQTP, Code or Special Requirements
(blank otherwise)
Examples:
a)
PIC16C926/P 301 = Commercial
Temp., normal VDD limits, QTP
pattern #301
b)
PIC16LC925/PT
=
Commercial
Temp., TQFP package, extended
VDD limits
c)
PIC16C925-I/CL = Industrial Temp.,
windowed
CERQUAD
package,
normal VDD limits
Note 1:
C = Standard Voltage range
LC = Wide Voltage Range
2:
T = in tape and reel -
PLCC and TQFP
packages only.
3:
CL Devices are UV erasable and
can be programmed to any
device
configuration.
CL
devices
meet
the
electrical
requirement of each oscillator
type (including LC devices).
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com