Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16CE623-20/P Datasheet(PDF) 26 Page - Microchip Technology

Part # PIC16CE623-20/P
Description  OTP 8-Bit CMOS MCU with EEPROM Data Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16CE623-20/P Datasheet(HTML) 26 Page - Microchip Technology

Back Button PIC16CE623-20/P Datasheet HTML 22Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 23Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 24Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 25Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 26Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 27Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 28Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 29Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 108 page
background image
PIC16CE62X
DS40182A-page 26
Preliminary
© 1998 Microchip Technology Inc.
5.2
PORTB and TRISB Registers
PORTB is an 8-bit wide bi-directional port. The
corresponding data direction register is TRISB. A '1' in
the TRISB register puts the corresponding output driver
in a high impedance mode. A '0' in the TRISB register
puts the contents of the output latch on the selected
pin(s).
Reading PORTB register reads the status of the pins,
whereas writing to it will write to the port latch. All write
operations are read-modify-write operations. So a write
to a port implies that the port pins are first read, then
this value is modified and written to the port data latch.
Each of the PORTB pins has a weak internal pull-up
(
≈200 µA typical). A single control bit can turn on all the
pull-ups. This
is
done
by
clearing
the
RBPU
(OPTION<7>) bit. The weak pull-up is automatically
turned off when the port pin is configured as an output.
The pull-ups are disabled on Power-on Reset.
Four of PORTB’s pins, RB7:RB4, have an interrupt on
change feature. Only pins configured as inputs can
cause this interrupt to occur (i.e., any RB7:RB4 pin
configured as an output is excluded from the interrupt
on change comparison). The input pins (of RB7:RB4)
are compared with the old value latched on the last
read of PORTB. The “mismatch” outputs of RB7:RB4
are OR’ed together to generate the RBIF interrupt (flag
latched in INTCON<0>).
FIGURE 5-5:
BLOCK DIAGRAM OF
RB7:RB4 PINS
Data Latch
From other
RBPU(2)
P
VDD
I/O
Q
D
CK
Q
D
CK
Q
D
EN
Q
D
EN
Data bus
WR PortB
WR TRISB
Set RBIF
TRIS Latch
RD TRISB
RD PortB
RB7:RB4 pins
weak
pull-up
RD Port
Latch
TTL
Input
Buffer
pin(1)
Note 1: I/O pins have diode protection to VDD and VSS.
Note 2: TRISB = 1 enables weak pull-up if RBPU = '0'
(OPTION<7>).
ST
Buffer
RB7:RB6 in serial programming mode
This interrupt can wake the device from SLEEP. The
user, in the interrupt service routine, can clear the
interrupt in the following manner:
a)
Any read or write of PORTB. This will end the
mismatch condition.
b)
Clear flag bit RBIF.
A mismatch condition will continue to set flag bit RBIF.
Reading PORTB will end the mismatch condition, and
allow flag bit RBIF to be cleared.
This interrupt on mismatch feature, together with
software configurable pull-ups on these four pins allow
easy interface to a key pad and make it possible for
wake-up on key-depression. (See AN552 in the
Microchip
Embedded Control Handbook.)
The interrupt on change feature is recommended for
wake-up on key depression operation and operations
where PORTB is only used for the interrupt on change
feature. Polling of PORTB is not recommended while
using the interrupt on change feature.
FIGURE 5-6:
BLOCK DIAGRAM OF
RB3:RB0 PINS
Note:
If a change on the I/O pin should occur
when the read operation is being executed
(start of the Q2 cycle), then the RBIF inter-
rupt flag may not get set.
Data Latch
RBPU(2)
P
VDD
Q
D
CK
Q
D
CK
Q
D
EN
Data bus
WR PortB
WR TRISB
RD TRISB
RD PortB
weak
pull-up
RD Port
RB0/INT
I/O
pin(1)
TTL
Input
Buffer
Note 1: I/O pins have diode protection to VDD and VSS.
Note 2: TRISB = 1 enables weak pull-up if RBPU = '0'
(OPTION<7>).
ST
Buffer
62X.bk Page 26 Tuesday, March 10, 1998 3:40 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com