Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16CE623-20/P Datasheet(PDF) 62 Page - Microchip Technology

Part # PIC16CE623-20/P
Description  OTP 8-Bit CMOS MCU with EEPROM Data Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16CE623-20/P Datasheet(HTML) 62 Page - Microchip Technology

Back Button PIC16CE623-20/P Datasheet HTML 58Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 59Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 60Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 61Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 62Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 63Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 64Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 65Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 108 page
background image
PIC16CE62X
DS40182A-page 62
Preliminary
© 1998 Microchip Technology Inc.
FIGURE 10-17: WATCHDOG TIMER BLOCK DIAGRAM
FIGURE 10-18: SUMMARY OF WATCHDOG TIMER REGISTERS
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
2007h
Config. bits
---
BODEN
CP1
CP0
PWRTE
WDTE
FOSC1
FOSC0
81h
OPTION
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
Legend: Shaded cells are not used by the Watchdog Timer.
Note:
_ = Unimplemented location, read as “0”
+ = Reserved for future use
From TMR0 Clock Source
(Figure 7-6)
To TMR0 (Figure 7-6)
Postscaler
Watchdog
Timer
M
U
X
PSA
8 - to -1 MUX
PSA
WDT
Time-out
1
0
0
1
WDT
Enable Bit
PS<2:0>
•
•
Note: T0SE, T0CS, PSA, PS0-PS2 are bits in the OPTION register.
8
MUX
62X.bk Page 62 Tuesday, March 10, 1998 3:40 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com