Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16CE623-20/P Datasheet(PDF) 27 Page - Microchip Technology

Part # PIC16CE623-20/P
Description  OTP 8-Bit CMOS MCU with EEPROM Data Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16CE623-20/P Datasheet(HTML) 27 Page - Microchip Technology

Back Button PIC16CE623-20/P Datasheet HTML 23Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 24Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 25Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 26Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 27Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 28Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 29Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 30Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 108 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40182A-page 27
PIC16CE62X
TABLE 5-3:
PORTB FUNCTIONS
TABLE 5-4:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTB
Name
Bit #
Buffer Type
Function
RB0/INT
bit0
TTL/ST(1)
Input/output or external interrupt input. Internal software programmable
weak pull-up.
RB1
bit1
TTL
Input/output pin. Internal software programmable weak pull-up.
RB2
bit2
TTL
Input/output pin. Internal software programmable weak pull-up.
RB3
bit3
TTL
Input/output pin. Internal software programmable weak pull-up.
RB4
bit4
TTL
Input/output pin (with interrupt on change). Internal software
programmable weak pull-up.
RB5
bit5
TTL
Input/output pin (with interrupt on change). Internal software
programmable weak pull-up.
RB6
bit6
TTL/ST(2)
Input/output pin (with interrupt on change). Internal software
programmable weak pull-up. Serial programming clock pin.
RB7
bit7
TTL/ST(2)
Input/output pin (with interrupt on change). Internal software
programmable weak pull-up. Serial programming data pin.
Legend: ST = Schmitt Trigger, TTL = TTL input
Note 1: This buffer is a Schmitt Trigger input when configured as the external interrupt.
Note 2: This buffer is a Schmitt Trigger input when used in serial programming mode.
Address Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR / BOR
Value on
All Other
Resets
06h
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
uuuu uuuu
86h
TRISB
TRISB7
TRISB6
TRISB5 TRISB4 TRISB3 TRISB2 TRISB1 TRISB0
1111 1111
1111 1111
81h
OPTION
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
Note:
Shaded bits are not used by PORTB.
u = unchanged
x = unknown
62X.bk Page 27 Tuesday, March 10, 1998 3:40 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com