Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16CE623-20/P Datasheet(PDF) 54 Page - Microchip Technology

Part # PIC16CE623-20/P
Description  OTP 8-Bit CMOS MCU with EEPROM Data Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16CE623-20/P Datasheet(HTML) 54 Page - Microchip Technology

Back Button PIC16CE623-20/P Datasheet HTML 50Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 51Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 52Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 53Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 54Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 55Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 56Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 57Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 108 page
background image
PIC16CE62X
DS40182A-page 54
Preliminary
© 1998 Microchip Technology Inc.
10.4
Power-on Reset (POR), Power-up
Timer (PWRT), Oscillator Start-up
Timer (OST) and Brown-out Reset
(BOR)
10.4.1
POWER-ON RESET (POR)
The on-chip POR circuit holds the chip in reset until
VDD has reached a high enough level for proper opera-
tion. To take advantage of the POR, just tie the MCLR
pin directly (or through a resistor) to VDD. This will
eliminate external RC components usually needed to
create Power-on Reset. A maximum rise time for VDD
is required. See Electrical Specifications for details.
The POR circuit does not produce internal reset when
VDD declines.
When the device starts normal operation (exits the
reset condition), device operating parameters (voltage,
frequency, temperature, etc.) must be met to ensure
operation. If these conditions are not met, the device
must be held in reset until the operating conditions are
met.
For additional information, refer to Application Note
AN607 “Power-up Trouble Shooting”.
10.4.2
POWER-UP TIMER (PWRT)
The Power-up Timer provides a fixed 72 ms (nominal)
time-out on power-up only, from POR or Brown-out
Reset. The Power-up Timer operates on an internal RC
oscillator. The chip is kept in reset as long as PWRT is
active. The PWRT delay allows the VDD to rise to an
acceptable level. A configuration bit, PWRTE can
disable (if set) or enable (if cleared or programmed) the
Power-up Timer. The Power-up Timer should always be
enabled when Brown-out Reset is enabled.
The Power-Up Time delay will vary from chip to chip
and due to VDD, temperature and process variation.
See DC parameters for details.
10.4.3
OSCILLATOR START-UP TIMER (OST)
The Oscillator Start-Up Timer (OST) provides a 1024
oscillator cycle (from OSC1 input) delay after the
PWRT delay is over. This ensures that the crystal
oscillator or resonator has started and stabilized.
The OST time-out is invoked only for XT, LP and HS
modes and only on power-on reset or wake-up from
SLEEP.
10.4.4
BROWN-OUT RESET (BOR)
The PIC16CE62X members have on-chip Brown-out
Reset circuitry. A configuration bit, BODEN, can dis-
able (if clear/programmed) or enable (if set) the
Brown-out Reset circuitry. If VDD falls below 4.0V (refer
to BVDD parameter D005) for greater than parameter
(TBOR) in Table 13-6, the brown-out situation will reset
the chip. A reset is not guaranteed to occur if VDD falls
below 4.0V for less than parameter (TBOR). The chip
will remain in Brown-out Reset until VDD rises above
BVDD. The Power-up Timer will now be invoked and will
keep the chip in reset an additional 72 ms. If VDD drops
below BVDD while the Power-up Timer is running, the
chip will go back into a Brown-out Reset and the
Power-up Timer will be initialized. Once VDD rises
above BVDD, the Power-Up Timer will execute a 72 ms
reset. The Power-up Timer should always be enabled
when Brown-out Reset is enabled. Figure 10-8 shows
typical Brown-out situations.
FIGURE 10-8: BROWN-OUT SITUATIONS
72 ms
BVDD
VDD
Internal
Reset
BVDD
VDD
Internal
Reset
72 ms
<72 ms
72 ms
BVDD
VDD
Internal
Reset
62X.bk Page 54 Tuesday, March 10, 1998 3:40 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com