Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16CE623-20/P Datasheet(PDF) 82 Page - Microchip Technology

Part # PIC16CE623-20/P
Description  OTP 8-Bit CMOS MCU with EEPROM Data Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16CE623-20/P Datasheet(HTML) 82 Page - Microchip Technology

Back Button PIC16CE623-20/P Datasheet HTML 78Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 79Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 80Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 81Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 82Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 83Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 84Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 85Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 108 page
background image
PIC16CE62X
DS40182A-page 82
Preliminary
© 1998 Microchip Technology Inc.
TABLE 13-1:
CROSS REFERENCE OF DEVICE SPECS FOR OSCILLATOR CONFIGURATIONS
AND FREQUENCIES OF OPERATION (COMMERCIAL DEVICES)
OSC
PIC16CE62X-04
PIC16CE62X-20
PIC16CE62X/JW
RC
VDD: 3.0V to 5.5V
IDD: 3.3 mA max.
@5.5V
IPD: 2.5
µA max.
@4.0V, WDT DIS
Freq: 4.0 MHz
max.
VDD: 3.0V to 5.5V
IDD: 1.8 mA typ.
@5.5V
IPD: 1.0
µA typ.
@4.0V, WDT DIS
Freq: 4.0 MHz
max.
VDD: 3.0V to 5.5V
IDD: 3.3 mA max.
@5.5V
IPD: 2.5
µA max.
@4.0V, WDT DIS
Freq: 4.0 MHz
max.
XT
VDD: 3.0V to 5.5V
IDD: 3.3 mA max.
@5.5V
IPD: 2.5
µA max.
@4.0V, WDT DIS
Freq: 4.0 MHz
max.
VDD: 3.0V to 5.5V
IDD: 1.8 mA typ.
@5.5V
IPD: 1.0
µA typ.
@4.0V, WDT DIS
Freq: 4.0 MHz
max.
VDD: 3.0V to 5.5V
IDD: 3.3 mA max.
@5.5V
IPD: 2.5
µA max.
@4.0V, WDT DIS
Freq: 4.0 MHz
max.
HS
VDD: 4.5V to 5.5V
IDD: 3.0 mA typ.
@5.5V
IPD: 1.0
µA typ.
@4.0V, WDT DIS
Freq: 4.0 MHz
max.
VDD: 4.5V to 5.5V
IDD: 7.5 mA max.
@5.5V
IPD: 2.5
µA max.
@4.0V, WDT DIS
Freq: 20 MHz
max.
VDD: 4.5V to 5.5V
IDD: 7.5 mA max.
@5.5V
IPD: 2.5
µA max.
@4.0V, WDT DIS
Freq: 20 MHz
max.
LP
VDD: 3.0V to 5.5V
IDD: 70
µA max.
@32 kHz, 3.0V, WDT DIS
IPD: 2.5
µA max.
@4.0 V, WDT DIS
Freq: 200 kHz
max.
Do not use in
LP mode
VDD: 3.0V to 5.5V
IDD: 70
µA max.
@32 kHz, 3.0V, WDT DIS
IPD: 2.5
µA max.
@4.0V, WDT DIS
Freq: 200 kHz
max.
The shaded sections indicate oscillator selections which are tested for functionality, but not for MIN/MAX specifi-
cations. It is recommended that the user select the device type that ensures the specifications required.
62X.bk Page 82 Tuesday, March 10, 1998 3:40 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com