Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1030 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1030
Description  Linear Building Block . Quad Low Power Op Amp with Shutdown Modes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1030 Datasheet(HTML) 4 Page - Microchip Technology

  TC1030 Datasheet HTML 1Page - Microchip Technology TC1030 Datasheet HTML 2Page - Microchip Technology TC1030 Datasheet HTML 3Page - Microchip Technology TC1030 Datasheet HTML 4Page - Microchip Technology TC1030 Datasheet HTML 5Page - Microchip Technology TC1030 Datasheet HTML 6Page - Microchip Technology TC1030 Datasheet HTML 7Page - Microchip Technology TC1030 Datasheet HTML 8Page - Microchip Technology TC1030 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TC1030
DS21341B-page 4
© 2002 Microchip Technology Inc.
2.0
PIN DESCRIPTION
The description of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin No.
(16-Pin QSOP)
Symbol
Description
1OUTA
Op amp output.
2
INA-
Op amp inverting input.
3
INA+
Op amp non-inverting input.
4VDD
Positive supply voltage.
5
INB+
Op amp non-inverting input.
6
INB-
Op amp inverting input.
7OUTB
Op amp output.
8
SHDNB
Shutdown op amp B.
9
SHDNC/D
Shutdown op amps C and D.
10
OUTC
Op amp output.
11
INC-
Op amp inverting input.
12
INC+
Op amp non-inverting input.
13
VSS
Negative supply voltage.
14
IND+
Op amp non-inverting input.
15
IND-
Op amp inverting input.
16
OUTD
Op amp output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com