Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1030 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1030
Description  Linear Building Block . Quad Low Power Op Amp with Shutdown Modes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1030 Datasheet(HTML) 5 Page - Microchip Technology

  TC1030 Datasheet HTML 1Page - Microchip Technology TC1030 Datasheet HTML 2Page - Microchip Technology TC1030 Datasheet HTML 3Page - Microchip Technology TC1030 Datasheet HTML 4Page - Microchip Technology TC1030 Datasheet HTML 5Page - Microchip Technology TC1030 Datasheet HTML 6Page - Microchip Technology TC1030 Datasheet HTML 7Page - Microchip Technology TC1030 Datasheet HTML 8Page - Microchip Technology TC1030 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2002 Microchip Technology Inc.
DS21341B-page 5
TC1030
3.0
DETAILED DESCRIPTION
The TC1030 is one of a series of very low power, linear
building block products targeted at low voltage, single
supply applications. The TC1030 minimum operating
voltage is 1.8V, and maximum supply current is only
32
µA (fully enabled). It combines four op amps in a
single package.
Microchip’s op amps are internally compensated to be
unity-gain stable and have a typical gain bandwidth
product of 90kHz with typical slew rates of 35V/msec.
The amplifier's input range extends beyond both
supplies by 200mV and the outputs will swing to within
several millivolts of the supplies depending on the load
current being driven.
Two shutdown mode pins are incorporated for easy
adaptation to system power management schemes. In
this state, the shutdown pins allow the user to power on
one, two, three, or all four op amps (see Table 4-1). Pin
SHDNB can be used to disable op amp B and pin
SHDNC/D to disableopampsC andD. Opamp Ais
always powered on regardless of the states of the
shutdown pins. When both shutdown pins are low, the
total quiescent current of the TC1030 is only 6
µA,
typical.
Input offset voltage is 500
µV max at 25°C with an input
bias current of less than 100pA. This makes the
TC1030 extremely suitable for precision, low power
applications.
4.0
TYPICAL APPLICATIONS
The TC1030 lends itself to a wide variety of
applications, particularly in battery-powered systems. It
typically finds application in power management,
process supervisory and interface circuitry.
4.1
Voice Band Receive Filter
The majority of spectral energy for human voices is
found to be in a 2.7kHz frequency band from 300Hz to
3kHz. To properly recover a voice signal in applications
such as radios, cellular phones and voice pagers a low-
power bandpass filter that is matched to the human
voice spectrum can be implemented using Microchip’s
CMOS op amps. Figure 4-1 shows a unity gain multi-
pole Butterworth filter with ripple less than 0.15dB in
the human voice band. The lower 3dB cut-off frequency
is 70Hz (single order response) while the upper cut-off
frequency is 3.5kHz (fourth order response).
4.2
Supervisory Audio Tone (SAT)
Filter for Cellular
Supervisory Audio Tones (SAT) provide a reliable
transmission path between cellular subscriber units
and base stations. The SAT tone functions much like
the current/voltage used in land line telephone systems
to indicate that a phone is off the hook. The SAT tone
may be one of three frequencies: 5970, 6000 or
6030Hz. A loss of SAT implies that channel conditions
are impaired and if SAT is interrupted for more than 5
seconds a cellular call is terminated.
Figure 4-2 shows a high Q (30) second order SAT
detection bandpass filter using Microchip’s CMOS op
amp architecture. This circuit nulls all frequencies
except the three SAT tones of interest.
TABLE 4-1:
TC1030 SHUTDOWN POWER CONTROL LOGIC
SHDNC/D
SHDNB
OP AMPS ENABLED
OP AMPS DISABLED
MAX. DEVICE
SUPPLY CURRENT
VIL
VIL
AB,C,D
10
µA
VIL
VIH
A,B
C,D
16
µA
VIH
VIL
A,C,D
B
24
µA
VIH
VIH
A,B,C,D
None
32
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com