Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1030 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1030
Description  Linear Building Block . Quad Low Power Op Amp with Shutdown Modes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1030 Datasheet(HTML) 2 Page - Microchip Technology

  TC1030 Datasheet HTML 1Page - Microchip Technology TC1030 Datasheet HTML 2Page - Microchip Technology TC1030 Datasheet HTML 3Page - Microchip Technology TC1030 Datasheet HTML 4Page - Microchip Technology TC1030 Datasheet HTML 5Page - Microchip Technology TC1030 Datasheet HTML 6Page - Microchip Technology TC1030 Datasheet HTML 7Page - Microchip Technology TC1030 Datasheet HTML 8Page - Microchip Technology TC1030 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TC1030
DS21341B-page 2
© 2002 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage ......................................................6.0V
Voltage on Any Pin .......... (VSS – 0.3V) to (VDD +0.3V)
Junction Temperature....................................... +150°C
Operating Temperature Range............. -40°C to +85°C
Storage Temperature Range .............. -55°C to +150°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC1030 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Typical values apply at 25°C and VDD =3.0V; TA = -40° to +85°C, and VDD = 1.8V to 5.5V, unless
otherwise specified.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VDD
Supply Voltage
1.8
—
5.5
V
Shutdown Inputs
VIH
Input High Threshold
80% VDD
——
V
VIL
Input Low Threshold
—
—
20% VDD
V
ISI
Shutdown Input Current,
SHDNB or SHDNC/D
—
—
±100
nA
Op Amps
IQ
Supply Current, Operating
—
20
32
µA
All Outputs Open,
SHDNB =VDD,
SHDNC/D =VDD
ISHDN
Supply Current Shutdown Mode
—
6
10
µA
SHDNB =VSS,
SHDNC/D =VSS
ROUT(SD) Output Resistance in Shutdown
20
—
—
M
Ω
SHDNB =VSS,
SHDNC/D =VSS
COUT(SD) Out Capacitance in Shutdown
—
—
5
pF
SHDNB =VSS,
SHDNC/D =VSS
TSEL
Select Time
(VOUT from SHDNB, SHDNC/D)= VIL
—15
—
µsec R
L =10kΩ to VSS
TDESEL
Deselect Time
(VOUT from SHDNB, SHDNC/D)= VIL
—
20
—
nsec
RL =10kΩ to VSS
AVOL
Large Signal Voltage Gain
—
100
—
V/mV
RL =10kΩ,VDD =5V
GBWP
Gain-Bandwidth Product
—
90
—
kHz
VDD = 1.8V to 5.5V;
VO =VDD to VSS
VICMR
Common Mode Input Voltage Range
VSS –0.2
—
VDD +0.2
V
VOS
Input Offset Voltage
±100
±0.3
±500
±1.5
µV
mV
VDD =3V, VCM =1.5V, TA =25°C,
TA =–40°C to 85°C
IB
Input Bias Current
-100
50
100
pA
TA =25°C;
VCM =VDD to VSS
VOS(DRIFT) Input Offset Voltage Drift
—
±4
—
µV/°C V
DD =3V; VCM =1.5V
SR
Slew Rate
—
35
—
mV/
µsec C
L = 100pF;
RL =1 MΩ to GND,
Gain = 1
VIN =VSS to VDD
VOUT
Output Signal Swing
VSS +0.05
—
VDD –0.05
V
RL =10kΩ
CMRR
Common Mode Rejection Ratio
70
—
—
dB
TA =25°C; VDD =5V;
VCM =VDD to VSS
PSRR
Power Supply Rejection Ratio
80
—
—
dB
TA =25°C; VCM =VSS;
VDD =1.8V to 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com