Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1030 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC1030
Description  Linear Building Block . Quad Low Power Op Amp with Shutdown Modes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1030 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC1030 Datasheet HTML 3Page - Microchip Technology TC1030 Datasheet HTML 4Page - Microchip Technology TC1030 Datasheet HTML 5Page - Microchip Technology TC1030 Datasheet HTML 6Page - Microchip Technology TC1030 Datasheet HTML 7Page - Microchip Technology TC1030 Datasheet HTML 8Page - Microchip Technology TC1030 Datasheet HTML 9Page - Microchip Technology TC1030 Datasheet HTML 10Page - Microchip Technology TC1030 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
© 2002 Microchip Technology Inc.
DS21341B-page 7
TC1030
5.0
TYPICAL CHARACTERISTICS
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
Op Amp Supply Current
vs. Temperature
Op Amp Supply Voltage
vs. Supply Current
SUPPLY VOLTAGE (V)
TEMPERATURE (
°C)
Op Amp Power Supply Rejection
Ratio (PSRR) vs. Frequency
FREQUENCY (Hz)
28
24
26
20
22
16
12
14
18
28
24
26
20
22
16
12
14
18
0
-40
-20
0
20
40
60
80
1
2
3
4
5
6
7
1K
10K
100
0
-10
-20
-30
-40
-50
-60
-70
100K
V
V
IN =
PP
SHDNB = VDD
SHDNC/D = VDD
VDD = 5.5V
VDD = 1.8V
VDD = 3V
Op Amp Short-Circuit Current
vs. Supply Voltage
SUPPLY VOLTAGE (V)
Op Amp DC Open-Loop Gain
vs. Temperature
TEMPERATURE (
°C)
3000
50
45
40
35
30
25
20
15
10
5
0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
2500
2000
1500
1000
500
0
-40
°C
25
°C
85
°C
ISINK
SUPPLY VOLTAGE (V)
Op Amp DC Open-Loop Gain
vs. Supply Voltage
140
120
100
80
60
40
20
0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Op Amp Load Resistance
vs. Load Capacitance
Op Amp Small-Signal
Transient Response
TIME (
µsec)
100
50
0
100
50
0
0
250 500 750 1000
10 20 30 40 50 60 70 80
90
12501500 1750 2000
100
10
1
1000
V
V
= 1.5V
10% Overshoot
Region of Marginal Stability
Region of Stable Operation
Op Amp Short-Circuit Current
vs. Supply Voltage
SUPPLY VOLTAGE (V)
0
-5
-10
-15
-20
-25
-30
-35
0.0
1.0
2.0
3.0
4.0
5.0
6.0
ISRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com