Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1030 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1030
Description  Linear Building Block . Quad Low Power Op Amp with Shutdown Modes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1030 Datasheet(HTML) 1 Page - Microchip Technology

  TC1030 Datasheet HTML 1Page - Microchip Technology TC1030 Datasheet HTML 2Page - Microchip Technology TC1030 Datasheet HTML 3Page - Microchip Technology TC1030 Datasheet HTML 4Page - Microchip Technology TC1030 Datasheet HTML 5Page - Microchip Technology TC1030 Datasheet HTML 6Page - Microchip Technology TC1030 Datasheet HTML 7Page - Microchip Technology TC1030 Datasheet HTML 8Page - Microchip Technology TC1030 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2002 Microchip Technology Inc.
DS21341B-page 1
Features
• Optimized for Single Supply Operation
• Small Package: 16-Pin QSOP
• Ultra Low Input Bias Current: Less than 100pA
• Low Quiescent Current, Operating: 20
µA(Typ.),
Shutdown Mode: 6
µA(Typ.)
• Rail-to-Rail Inputs and Outputs
• Operates Down to 1.8V
• Can Shut Down One, Two or Three Op Amps
Applications
• Power Management Circuits
• Battery Operated Equipment
• Consumer Products
Device Selection Table
Package Type
General Description
The TC1030 is a quad CMOS operational amplifier
designed for low power applications. It has a typical
operating supply current of 20
µA which is constant over
the supply voltage range of 1.8V to 5.5V.
Each op amp has rail-to-rail inputs and output which
allow operation at low supply voltages with large input
and output signal swings. Two active low shutdown
pins are provided. One pin disables op amp B while the
other disables op amps C and D. Op amp A is always
active. When disabled, the outputs of op amps B, C and
D are in a high impedance state.
Packaged in a 16-Pin QSOP, the TC1030 is ideal for
battery operated applications.
The TC1030 is packaged in a 16-Pin QSOP, making it
ideal for battery operated applications.
Functional Block Diagram
Part Number
Package
Temperature
Range
TC1030EQR
16-Pin QSOP
-40°C to +85°C
TC1030EQR
1
2
3
4
16
15
14
SHDNB
SHDNC/D
5
6
7
8
13
12
11
10
9
16-Pin QSOP
OUTA
INA-
INA+
VDD
OUTD
IND-
IND+
VSS
INC+
INC-
OUTC
INB+
INB-
OUTB
OUTA
INA-
INA+
IND-
IND+
VDD
VSS
INC+
INC-
OUTC
INB+
INB-
OUTB
SHDNB
OUTD
+
–
+
–
A
BC
D
SHDNC/D
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TC1030
TC1030
Linear Building Block – Quad Low Power Op Amp
with Shutdown Modes


Similar Part No. - TC1030

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1030 TELCOM-TC1030 Datasheet
27Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER OP AMP
TC1030COD TELCOM-TC1030COD Datasheet
27Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER OP AMP
TC1030CPD TELCOM-TC1030CPD Datasheet
27Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER OP AMP
TC1030CQR TELCOM-TC1030CQR Datasheet
27Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER OP AMP
TC1030EOD TELCOM-TC1030EOD Datasheet
27Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER OP AMP
More results

Similar Description - TC1030

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1026 TELCOM-TC1026 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - LOW POWER COMPARATOR WITH OP AMP AND VOLTAGE REFERENCE
TC1028 TELCOM-TC1028 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE WITH SHUTDOWN
TC1029 TELCOM-TC1029 Datasheet
25Kb / 1P
LINEAR BUILDING BLOCK - DUAL LOW POWER OP AMP
TC1030 TELCOM-TC1030 Datasheet
27Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER OP AMP
TC43 TELCOM-TC43 Datasheet
75Kb / 6P
LINEAR BUILDING BLOCK - VOLTAGE REFERENCE, DUAL OP AMP, DUAL COMPARATOR WITH SHUTDOWN MODE
logo
Microchip Technology
TC1040 MICROCHIP-TC1040 Datasheet
444Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
2002
TC1043 MICROCHIP-TC1043 Datasheet
508Kb / 20P
Linear Building Block . Low Power Voltage Reference with Dual Op Amp, Dual Comparator, and Shutdown Mode
2002
TC1026 MICROCHIP-TC1026 Datasheet
517Kb / 18P
Linear Building Block - Low Power Comparator with Op Amp and Voltage Reference
2002
TC1029 MICROCHIP-TC1029 Datasheet
486Kb / 14P
Linear Building Block - Dual Low Power Op Amp
2002
TC1031 MICROCHIP-TC1031_05 Datasheet
257Kb / 14P
Linear Building Block - Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com