Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925T-S/PT Datasheet(PDF) 28 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 28 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 24Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 25Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 26Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 27Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 28Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 29Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 30Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 31Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 182 page
background image
PIC16C925/926
DS39544A-page 26
Preliminary
 2001 Microchip Technology Inc.
2.6
Indirect Addressing, INDF and
FSR Registers
The INDF register is not a physical register. Addressing
the INDF register will cause indirect addressing.
Indirect addressing is possible by using the INDF reg-
ister. Any instruction using the INDF register actually
accesses the register pointed to by the File Select Reg-
ister (FSR). Reading the INDF register itself, indirectly
(FSR = ’0’), will produce 00h. Writing to the INDF regis-
ter indirectly results in a no operation (although status
bits may be affected). An effective 9-bit address is
obtained by concatenating the 8-bit FSR register and
the IRP bit (STATUS<7>), as shown in Figure 2-6.
A simple program to clear RAM locations 20h-2Fh
using indirect addressing is shown in Example 2-2.
EXAMPLE 2-2:
INDIRECT ADDRESSING
FIGURE 2-6:
DIRECT/INDIRECT ADDRESSING
MOVLW 0x20
;initialize pointer
MOVWF FSR
;to RAM
NEXT
CLRF
INDF
;clear INDF register
INCF
FSR,F
;inc pointer
BTFSS FSR,4
;all done?
GOTO
NEXT
;no clear next
CONTINUE
:
;yes continue
Note: For memory map detail, see Figure 2-3.
Data
Memory
Indirect Addressing
Direct Addressing
Bank Select
Location Select
RP1:RP0
6
0
From Opcode
IRP
FSR Register
7
0
Bank Select
Location Select
00
01
10
11
00h
7Fh
00h
7Fh
Bank 0
Bank 1
Bank 2
Bank 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com