Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925T-S/PT Datasheet(PDF) 93 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 93 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 89Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 90Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 91Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 92Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 93Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 94Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 95Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 96Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 91
PIC16C925/926
11.2
LCD Interrupts
The LCD timing generation provides an interrupt that
defines the LCD frame timing. This interrupt can be
used to coordinate the writing of the pixel data with the
start of a new frame. Writing pixel data at the frame
boundary allows a visually crisp transition of the image.
This interrupt can also be used to synchronize external
events to the LCD. For example, the interface to an
external segment driver, such as a Microchip AY0438,
can be synchronized for segment data update to the
LCD frame.
A new frame is defined to begin at the leading edge of
the COM0 common signal. The interrupt will be set
immediately
after
the LCD
controller
completes
accessing all pixel data required for a frame. This will
occur at a fixed interval before the frame boundary
(TFINT), as shown in Figure 11-7. The LCD controller
will begin to access data for the next frame within the
interval from the interrupt to when the controller begins
to access data after the interrupt (TFWR). New data
must be written within TFWR, as this is when the LCD
controller will begin to access the data for the next
frame.
FIGURE 11-7:
EXAMPLE WAVEFORMS AND INTERRUPT TIMING
IN QUARTER-DUTY CYCLE DRIVE
COM0
COM1
COM2
COM3
3/3 V
2/3 V
1/3 V
0/3 V
3/3 V
2/3 V
1/3 V
0/3 V
3/3 V
2/3 V
1/3 V
0/3 V
3/3 V
2/3 V
1/3 V
0/3 V
Frame
Boundary
Frame
Boundary
1 Frame
LCD
Interrupt
Occurs
Controller Accesses
Next Frame Data
TFINT
TFWR
TFWR = TFRAME/(LMUX1:LMUX0 + 1) + TCY/2
TFINT = (TFWR /2 - (2TCY + 40 ns))
→ minimum = 1.5(TFRAME/4) - (2TCY + 40ns)
(TFWR /2 - (1TCY + 40 ns))
→ maximum = 1.5(TFRAME/4) - (1TCY + 40 ns)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com