Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925T-S/PT Datasheet(PDF) 94 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 94 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 90Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 91Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 92Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 93Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 94Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 95Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 96Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 97Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 182 page
background image
PIC16C925/926
DS39544A-page 92
Preliminary
 2001 Microchip Technology Inc.
11.3
Pixel Control
11.3.1
LCDD (PIXEL DATA) REGISTERS
The pixel registers contain bits which define the state of
each pixel. Each bit defines one unique pixel.
Table 11-4 shows the correlation of each bit in the
LCDD registers to the respective common and seg-
ment signals.
Any LCD pixel location not being used for display can
be used as general purpose RAM.
REGISTER 11-3:
GENERIC LCDD REGISTER LAYOUT
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
SEGs
COMc
SEGs
COMc
SEGs
COMc
SEGs
COMc
SEGs
COMc
SEGs
COMc
SEGs
COMc
SEGs
COMc
bit 7
bit 0
bit 7-0
SEGsCOMc: Pixel Data bit for Segment S and Common C
1
= Pixel on (dark)
0
= Pixel off (clear)
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com