Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925T-S/PT Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 13Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 14Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 15Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 16Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 17Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 18Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 19Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 20Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 15
PIC16C925/926
2.3
Special Function Registers
The Special Function Registers (SFRs) are registers
used by the CPU and Peripheral Modules for control-
ling the desired operation of the device. These regis-
ters are implemented as static RAM.
The special function registers can be classified into two
sets, core and peripheral. Those registers associated
with the “core” functions are described in this section.
Those related to the operation of the peripheral
features are described in the section of that peripheral
feature.
TABLE 2-1:
SPECIAL FUNCTION REGISTER SUMMARY
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Details on
page
Bank 0
00h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
0000 0000
26
01h
TMR0
Timer0 Module Register
xxxx xxxx
41
02h
PCL
Program Counter (PC) Least Significant Byte
0000 0000
25
03h
STATUS
IRP
RP1
RP0
TO
PD
Z
DC
C
0001 1xxx
19
04h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
26
05h
PORTA
—
—
PORTA Data Latch when written: PORTA pins when read
--0x 0000
29
06h
PORTB
PORTB Data Latch when written: PORTB pins when read
xxxx xxxx
31
07h
PORTC
—
—
PORTC Data Latch when written: PORTC pins when read
--xx xxxx
33
08h
PORTD
PORTD Data Latch when written: PORTD pins when read
0000 0000
34
09h
PORTE
PORTE pins when read
0000 0000
36
0Ah
PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
25
0Bh
INTCON
GIE
PEIE
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
0000 000x
21
0Ch
PIR1
LCDIF
ADIF
—
—
SSPIF
CCP1IF
TMR2IF
TMR1IF
00-- 0000
23
0Dh
—
Unimplemented
—
—
0Eh
TMR1L
Holding register for the Least Significant Byte of the 16-bit TMR1 Register
xxxx xxxx
47
0Fh
TMR1H
Holding register for the Most Significant Byte of the 16-bit TMR1 Register
xxxx xxxx
47
10h
T1CON
—
—
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
--00 0000
47
11h
TMR2
Timer2 Module Register
0000 0000
51
12h
T2CON
—
TOUTPS3
TOUTPS2
TOUTPS1
TOUTPS0
TMR2ON
T2CKPS1
T2CKPS0
-000 0000
52
13h
SSPBUF
Synchronous Serial Port Receive Buffer/Transmit Register
xxxx xxxx
64, 72
14h
SSPCON
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000
60
15h
CCPR1L
Capture/Compare/PWM Register (LSB)
xxxx xxxx
58
16h
CCPR1H
Capture/Compare/PWM Register (MSB)
xxxx xxxx
58
17h
CCP1CON
—
—
CCP1X
CCP1Y
CCP1M3
CCP1M2
CCP1M1
CCP1M0
--00 0000
53
18h
—
Unimplemented
—
—
19h
—
Unimplemented
—
—
1Ah
—
Unimplemented
—
—
1Bh
—
Unimplemented
—
—
1Ch
—
Unimplemented
—
—
1Dh
—
Unimplemented
—
—
1Eh
ADRESH
A/D Result Register High
xxxx xxxx
80, 81
1Fh
ADCON0
ADCS1
ADCS0
CHS2
CHS1
CHS0
GO/DONE
—
ADON
0000 0000
75
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as '0'.
Shaded locations are unimplemented, read as ‘0’.
Note 1: These pixels do not display, but can be used as general purpose RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com