Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925T-S/PT Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 87Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 88Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 89Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 90Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 91Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 92Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 93Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 94Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 89
PIC16C925/926
11.1
LCD Timing
The LCD module has 3 possible clock source inputs
and supports static, 1/2, 1/3, and 1/4 multiplexing.
11.1.1
TIMING CLOCK SOURCE
SELECTION
The clock sources for the LCD timing generation are:
• Internal RC oscillator
• Timer1 oscillator
• System clock divided by 256
The first timing source is an internal RC oscillator which
runs at a nominal frequency of 14 kHz. This oscillator
provides a lower speed clock which may be used to
continue running the LCD while the processor is in
SLEEP. The RC oscillator will power-down when it is
not selected or when the LCD module is disabled.
The second source is the Timer1 external oscillator.
This oscillator provides a lower speed clock which may
be used to continue running the LCD while the proces-
sor is in SLEEP. It is assumed that the frequency pro-
vided on this oscillator will be 32 kHz. To use the
Timer1 oscillator as a LCD module clock source, it is
only necessary to set the T1OSCEN (T1CON<3>) bit.
The third source is the system clock divided by 256.
This divider ratio is chosen to provide about 32 kHz
output when the external oscillator is 8 MHz. The
divider is not programmable. Instead the LCDPS regis-
ter is used to set the LCD frame clock rate.
All of the clock sources are selected with bits CS1:CS0
(LCDCON<3:2>). Refer to Register 11-1 for details of
the register programming.
FIGURE 11-6:
LCD CLOCK GENERATION
CS1:CS0
TMR1 32 kHz
Crystal Oscillator
Internal RC Oscillator
Nominal FRC = 14 kHz
Static
1/2
1/3
1/4
÷4
÷32
LMUX1:LMUX0
4-bit Programmable
LCDPS<3:0>
÷1,2,3,4
Ring Counter
LMUX1:LMUX0
internal
Data Bus
÷256
÷2
FOSC
Prescaler
CPCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com