Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1235 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1235
Description  Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters with Shutdown
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1235 Datasheet(HTML) 1 Page - Microchip Technology

  TC1235 Datasheet HTML 1Page - Microchip Technology TC1235 Datasheet HTML 2Page - Microchip Technology TC1235 Datasheet HTML 3Page - Microchip Technology TC1235 Datasheet HTML 4Page - Microchip Technology TC1235 Datasheet HTML 5Page - Microchip Technology TC1235 Datasheet HTML 6Page - Microchip Technology TC1235 Datasheet HTML 7Page - Microchip Technology TC1235 Datasheet HTML 8Page - Microchip Technology TC1235 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC1235
TC1236
TC1237
TC1235/6/7-1 3/24/00
© 2001 Microchip Technology Inc.
DS21371A
Inverting Dual (–VIN, –2VIN) Charge Pump Voltage Converters with Shutdown
FEATURES
s
10-Pin MSOP Package
s
Operates from 1.8V to 5.5V
s
Up to 5mA Output Current at –VIN Pin
s
Up to 1mA Output Current at –2VIN Pin
s
Power-Saving Shutdown Mode
s
–VIN and –2VIN Outputs Available
s
Low Active Supply Current
.......................................... 120
µA (MAX) for TC1235
.......................................... 360
µA (MAX) for TC1236
.......................................... 1.5mA (MAX) for TC1237
s
Fully Compatible with 1.8V Logic Systems
TYPICAL APPLICATIONS
s
LCD Panel Bias
s
Cellular Phones PA Bias
s
Pagers
s
PDAs, Portable Dataloggers
s
Battery Powered Devices
GENERAL DESCRIPTION
The TC1235/1236/1237 are CMOS
dual inverting
charge pump voltage converters with a low power shutdown
mode in MSOP 10-Pin packages. Only four external capaci-
tors are required for full circuit implementation. Switching
frequencies are 12kHz for the TC1235, 35kHz for the
TC1236 and 125kHz for the TC1237. When the shutdown
pin is held at a logic low, the device goes into a very low
power mode of operation, consuming less than 1
µA of
supply current.
These devices provide both a negative voltage inver-
sion (available at the –VIN output), and a negative doubling
voltage inversion (available at the –2 VIN output) with a low
output impedance capable of providing output currents up to
5mA for the –VIN output and 1mA for the –2VIN output. The
input voltage can range from +1.8V to +5.5V.
ORDERING INFORMATION
Part No.
Package Osc Freq (KHz) Temp Range
TC1235EUN
10-Pin MSOP
12
–40
°C to +85°C
TC1236EUN
10-Pin MSOP
35
–40
°C to +85°C
TC1237EUN
10-Pin MSOP
125
–40
°C to +85°C
TYPICAL OPERATING CIRCUIT
C1+
C2+
SHDN
VIN
–VIN
C1–
C2
C2–
C1
TC1235
TC1236
TC1237
COUT1
ON
OFF
NC
–2 VIN
+
+
+
COUT2
+
OUTPUT 1
OUTPUT 2
INPUT
GND
Notes:
1) C1 and COUT1 must have a voltage rating greater
than or equal to VIN
2) C2 and COUT2 must have a voltage rating greater
than or equal to 2VIN
GND
10-Pin MSOP
TC1235
–2 VIN
1
2
3
4
5
10
9
8
7
6
TC1236
TC1237
C1–
C2–
C1+
C2+
NC
–VIN
SHDN
VIN
PIN CONFIGURATION


Similar Part No. - TC1235

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1232 TELCOM-TC1232 Datasheet
65Kb / 6P
MICROPROCESSOR MONITOR
logo
Microchip Technology
TC1232 MICROCHIP-TC1232 Datasheet
275Kb / 20P
Microprocessor Monitor
2005
TC1232 MICROCHIP-TC1232 Datasheet
583Kb / 24P
Microprocessor Monitor
10/28/13
logo
TelCom Semiconductor, I...
TC1232COA TELCOM-TC1232COA Datasheet
65Kb / 6P
MICROPROCESSOR MONITOR
logo
Microchip Technology
TC1232COA MICROCHIP-TC1232COA Datasheet
282Kb / 20P
Microprocessor Monitor
2002-2012 10/26/12
More results

Similar Description - TC1235

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1121 ONSEMI-MC1121 Datasheet
102Kb / 8P
100mA Charge Pump Voltage Converter with Shutdown
February, 2000 ??Rev. 0
logo
Maxim Integrated Produc...
MAX1697 MAXIM-MAX1697 Datasheet
222Kb / 12P
60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 0; 7/99
MAX864 MAXIM-MAX864 Datasheet
122Kb / 12P
Dual-Output Charge Pump with Shutdown
Rev 0; 3/96
logo
Microchip Technology
TC1682 MICROCHIP-TC1682 Datasheet
406Kb / 10P
Inverting Charge Pump Voltage Doublers with Active High Shutdown
2002
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
Inverting Charge Pump Voltage Doublers
2002
TC3682 MICROCHIP-TC3682 Datasheet
407Kb / 10P
Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2002
TC1225 MICROCHIP-TC1225 Datasheet
1Mb / 9P
Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters
2001
TC1682 MICROCHIP-TC1682_05 Datasheet
239Kb / 10P
Inverting Charge Pump Voltage Doublers with Active High Shutdown
2005
TC3682 MICROCHIP-TC3682_05 Datasheet
240Kb / 10P
Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2005
logo
Maxim Integrated Produc...
MAX1697 MAXIM-MAX1697_08 Datasheet
379Kb / 13P
60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 3; 12/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com