Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1267 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1267
Description  400mA PCI LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1267 Datasheet(HTML) 3 Page - Microchip Technology

  TC1267 Datasheet HTML 1Page - Microchip Technology TC1267 Datasheet HTML 2Page - Microchip Technology TC1267 Datasheet HTML 3Page - Microchip Technology TC1267 Datasheet HTML 4Page - Microchip Technology TC1267 Datasheet HTML 5Page - Microchip Technology TC1267 Datasheet HTML 6Page - Microchip Technology TC1267 Datasheet HTML 7Page - Microchip Technology TC1267 Datasheet HTML 8Page - Microchip Technology TC1267 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
© 2002 Microchip Technology Inc.
DS21378B-page 3
TC1267
TC1267 ELECTRICAL SPECIFICATIONS
(CONTINUED)
Electrical Characteristics: TA =+25°C, VIN =5V, VAUX =3.3V, IOUT =0.1mA,COUT =4.7µF, unless otherwise noted. Boldface
type specifications apply over full operating range.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
IDR(PK)
Peak Drive Current
7
6
—
—
—
—
mA
Sinking: VIN =3.75V,VDR =1V;
Sourcing: VIN =4.3V, VIN –VOR =2V
tDH
Drive High Delay
(Notes 1, 5)
—
—
4
—
—
8
µsec
CDR =1.2nF,VIN ramping up,
measured from VIN =VTH(HI) to VDR =2V
tDL
Drive Low Delay
(Notes 1, 5)
—
—
0.6
—
1.5
3.0
µsec
CDR =1.2nF,VIN ramping down,
measured from VIN =VTH(LO) to VDR =2V
Note
1:
Ensured by design.
2:
See 5V Detect Thresholds, Figure 4-1.
3:
Recommended source impedance for 5V supply:
≤ 0.25Ω. This will ensure that I
OUT xRSOURCE <VHYST,thus avoidingDR toggling during
5V detect threshold transitions.
4:
In Application Circuit, Figure 3-1.
5:
See Timing Diagram, Figure 4-2.
6:
Ground Current is independent of ILOAD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com