Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1267 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1267
Description  400mA PCI LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1267 Datasheet(HTML) 5 Page - Microchip Technology

  TC1267 Datasheet HTML 1Page - Microchip Technology TC1267 Datasheet HTML 2Page - Microchip Technology TC1267 Datasheet HTML 3Page - Microchip Technology TC1267 Datasheet HTML 4Page - Microchip Technology TC1267 Datasheet HTML 5Page - Microchip Technology TC1267 Datasheet HTML 6Page - Microchip Technology TC1267 Datasheet HTML 7Page - Microchip Technology TC1267 Datasheet HTML 8Page - Microchip Technology TC1267 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2002 Microchip Technology Inc.
DS21378B-page 5
TC1267
4.0
THERMAL CONSIDERATIONS
4.1
Thermal Shutdown
Integrated
thermal
protection
circuitry
shuts
the
regulator off when die temperature exceeds 160°C.
The regulator remains off until the die temperature
drops to approximately 150°C.
4.2
Power Dissipation
The amount of power the regulator dissipates is
primarily a function of input and output voltage, and
output current. The following equation is used to
calculate worst case actual power dissipation:
EQUATION 4-1:
The
maximum
allowable
power
dissipation
(Equation 4-2) is a function of the maximum ambient
temperature (TAMAX), the maximum allowable die
temperature (TJMAX) and the thermal resistance from
junction-to-air (
θJA).
EQUATION 4-2:
Table 4-1 shows various values of
θJA for the TC1267
packages.
TABLE 4-1:
THERMAL RESISTANCE
GUIDELINES FOR TC1267 IN
5-PIN DDPAK
*Tab of device attached to topside copper.
Equation 4-1
can
be
used
in
conjunction
with
Equation 4-2 to ensure regulator thermal operation is
within limits. For example:
Given:
VINMAX
=5V± 5%
VOUTMIN = 3.217V
ILOADMAX = 400mA
TJMAX
= 95°C
TAMAX
= 70°C
θJA
= 27°C/W (DDPAK mounted on
1000 sq mm topside copper area)
Find: 1. Actual power dissipation
2. Maximum allowable dissipation
Actual power dissipation:
PD ≈ (VINMAX –VOUTMIN)ILOADMAX
= (5.25V - 3.217V) 400mA
=813mW
Maximum allowable power dissipation:
In this example, the TC1267 dissipates a maximum of
813mW; below the allowable limit of 926mW.
Copper
Area
(Topside)*
Copper
Area
(Backside)
Board
Area
Thermal
Resistance
(θJA)
2500 sq mm
2500 sq mm
2500 sq mm
25°C/W
1000 sq mm
2500 sq mm
2500 sq mm
27°C/W
125 sq mm
2500 sq mm
2500 sq mm
35°C/W
Where:
PD ≈ (VINMAX –VOUTMIN)ILOADMAX
PD
VINMAX
VOUTMIN
ILOADMAX
= Worst case actual power dissipation
= Minimum regulator output voltage
= Maximum output (load) current
= Maximum voltage on VIN
PDMAX =(TJMAX –TAMAX)
θJA
Where all terms are previously defined.
PDMAX =(TJMAX –TAMAX)
θJA
= (95 – 70)
27
= 423mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com