Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1267 Datasheet(PDF) 9 Page - Microchip Technology

Part # TC1267
Description  400mA PCI LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1267 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC1267 Datasheet HTML 5Page - Microchip Technology TC1267 Datasheet HTML 6Page - Microchip Technology TC1267 Datasheet HTML 7Page - Microchip Technology TC1267 Datasheet HTML 8Page - Microchip Technology TC1267 Datasheet HTML 9Page - Microchip Technology TC1267 Datasheet HTML 10Page - Microchip Technology TC1267 Datasheet HTML 11Page - Microchip Technology TC1267 Datasheet HTML 12Page - Microchip Technology TC1267 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
© 2002 Microchip Technology Inc.
DS21378B-page 9
TC1267
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Package marking data not available at this time.
6.2
Taping Form
6.3
Package Dimensions
Component Taping Orientation for 5-Pin DDPAK Devices
User Direction of Feed
PIN 1
W
P
Standard Reel Component Orientation
for TR Suffix Device
(Mark Right Side Up)
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
5-Pin DDPAK
24 mm
16 mm
750
13 in
Carrier Tape, Number of Components Per Reel and Reel Size
5-Pin DDPAK
.067 (1.70) TYP.
.037 (0.94)
.026 (0.66)
.370 (9.40)
.330 (8.38)
.067 (1.70)
.045 (1.14)
.605 (15.37)
.549 (13.95)
.410 (10.41)
.385 (9.78)
.183 (4.65)
.170 (4.32)
.055 (1.40)
.045 (1.14)
.010 (0.25)
.000 (0.00)
.110 (2.79)
.068 (1.72)
.026 (0.66)
.014 (0.36)
8
° MAX.
3
° - 7°
(5x)
PIN 1
Dimensions: inches (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com