Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1267 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1267
Description  400mA PCI LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1267 Datasheet(HTML) 4 Page - Microchip Technology

  TC1267 Datasheet HTML 1Page - Microchip Technology TC1267 Datasheet HTML 2Page - Microchip Technology TC1267 Datasheet HTML 3Page - Microchip Technology TC1267 Datasheet HTML 4Page - Microchip Technology TC1267 Datasheet HTML 5Page - Microchip Technology TC1267 Datasheet HTML 6Page - Microchip Technology TC1267 Datasheet HTML 7Page - Microchip Technology TC1267 Datasheet HTML 8Page - Microchip Technology TC1267 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TC1267
DS21378B-page 4
© 2002 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
Thedescriptionsof the pins arelistedinTable2-1.
TABLE 2-1:
PIN FUNCTION TABLE
3.0
DETAILED DESCRIPTION
FIGURE 3-1:
APPLICATION CIRCUIT
Pin No.
Symbol
Description
1VAUX
Auxiliary input supply, nominally 3.3V.
2VIN
Main input supply for the TC1267, nominally 5V.
3
GND
Logic and power ground.
4VOUT
LDO 3.3V output.
5DR
Driver output for external P-channel MOSFET pass element.
5V
3.3V
TAB IS GND
Q1
C3
0.1
µF
C1
4.7
µF
C2
0.1
µF
C4
4.7
µF
3.3V
TC1267
C5
0.1
µF
NOTE: External switch (Q1): use Motorola MGSF1P02ELT1 or equivalent
(PMOS, typical Gate Threshold Voltage = 1V, typical RDS(ON) = 0.4
Ω at VGS = 2.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com