Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1267 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC1267
Description  400mA PCI LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1267 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC1267 Datasheet HTML 3Page - Microchip Technology TC1267 Datasheet HTML 4Page - Microchip Technology TC1267 Datasheet HTML 5Page - Microchip Technology TC1267 Datasheet HTML 6Page - Microchip Technology TC1267 Datasheet HTML 7Page - Microchip Technology TC1267 Datasheet HTML 8Page - Microchip Technology TC1267 Datasheet HTML 9Page - Microchip Technology TC1267 Datasheet HTML 10Page - Microchip Technology TC1267 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
© 2002 Microchip Technology Inc.
DS21378B-page 7
TC1267
5.0
TYPICAL CHARACTERISTICS
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
IQ vs. VIN vs. Junction Temperature
01
2
34
5
6
VIN (V)
IO = 0.1mA
VAUX = 0V
+125
°C
+25
°C
-5
°C
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
IQ (Aux) vs. VAUX vs. Junction Temperature
0
0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7
3
3.3 3.6
VAUX (V)
IO = 0mA
VAUX = 0V
+125
°C
+25
°C
-5
°C
3.34
3.33
3.32
3.31
3.30
3.29
3.28
3.27
3.26
LDO Output Voltage vs. Junction Temperature
-50
-25
0
25
50
75
100
125
IO = 200mA
VIN = 5V
JUNCTION TEMPERATURE
°C
IQ vs. VIN vs. Junction Temperature
0
123
4
5
6
VIN (V)
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
IO = 0.1mA
VAUX = 3.3V
+125
°C
+25
°C
-5
°C
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
IQ (Aux) vs. VAUX vs. Junction Temperature
0
0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7
3
3.3 3.6
VAUX (V)
IO = 0mA
VAUX = 5V
+125
°C
+25
°C
-5
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com