Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1307 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1307
Description  Four-Channel CMOS LDO with Select Mode, Shutdown and Independent Reset
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1307 Datasheet(HTML) 5 Page - Microchip Technology

  TC1307 Datasheet HTML 1Page - Microchip Technology TC1307 Datasheet HTML 2Page - Microchip Technology TC1307 Datasheet HTML 3Page - Microchip Technology TC1307 Datasheet HTML 4Page - Microchip Technology TC1307 Datasheet HTML 5Page - Microchip Technology TC1307 Datasheet HTML 6Page - Microchip Technology TC1307 Datasheet HTML 7Page - Microchip Technology TC1307 Datasheet HTML 8Page - Microchip Technology TC1307 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
 2002 Microchip Technology Inc.
DS21702A-page 5
TC1307
2.0
TYPICAL PERFORMANCE CHARACTERISTICS
Note: Unless otherwise indicated, VIN = 3.8V, CIN = 10 µF ceramic (X5R), COUT = 1 µF ceramic (X5R), ILOAD = 100 µA,
SELECT12 = NC, SELECT34 = VIN, SHDN1/2/3/4 = VIN, TA = 25°C.
Junction temperature (TJ) is approximated by soaking the device under test at an ambient temperature equal to the
desired Junction temperature. The test time is small enough such that the rise in the Junction temperature over the
Ambient temperature is not significant.
FIGURE 2-1:
VOUT vs. Load Current.
FIGURE 2-2:
VOUT vs. Load Current.
FIGURE 2-3:
VOUT vs. Load Current.
FIGURE 2-4:
VOUT vs. Load Current.
FIGURE 2-5:
VOUT vs. Input Voltage.
FIGURE 2-6:
VOUT vs. Input Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
1.800
1.805
1.810
1.815
1.820
1.825
1.830
0
25
50
75
100
125
150
Load Current (mA)
VIN = 2.8V
TJ = +125°C
TJ = +25°C
TJ = -40°C
2.488
2.490
2.492
2.494
2.496
2.498
2.500
2.502
2.504
2.506
2.508
0
25
50
75
100
125
150
Load Current (mA)
VIN = 3.5V
TJ = +125°C
TJ = +25°C
TJ = -40°C
2.78
2.785
2.79
2.795
2.8
2.805
0
25
50
75
100
125
150
Load Current (mA)
VIN = 3.8V
TJ = +125°C
TJ = +25°C
TJ = -40°C
2.978
2.980
2.982
2.984
2.986
2.988
2.990
2.992
2.994
2.996
2.998
3.000
0
25
50
75
100
125
150
Load Current (mA)
VIN = 4.0V
TJ = +125°C
TJ = +25°C
TJ = -40°C
1.802
1.804
1.806
1.808
1.810
1.812
1.814
1.816
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
5.7
6.0
Input Voltage (V)
ILOAD = 100 µA
TJ = +125°C
TJ = +25°C
TJ = -40°C
2.488
2.49
2.492
2.494
2.496
2.498
2.5
2.502
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
5.7
6.0
Input Voltage (V)
ILOAD = 100 µA
TJ = +125°C
TJ = +25°C
TJ = -40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com