Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1307 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC1307
Description  Four-Channel CMOS LDO with Select Mode, Shutdown and Independent Reset
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1307 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC1307 Datasheet HTML 6Page - Microchip Technology TC1307 Datasheet HTML 7Page - Microchip Technology TC1307 Datasheet HTML 8Page - Microchip Technology TC1307 Datasheet HTML 9Page - Microchip Technology TC1307 Datasheet HTML 10Page - Microchip Technology TC1307 Datasheet HTML 11Page - Microchip Technology TC1307 Datasheet HTML 12Page - Microchip Technology TC1307 Datasheet HTML 13Page - Microchip Technology TC1307 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
TC1307
DS21702A-page 10
 2002 Microchip Technology Inc.
Note: Unless otherwise indicated, VIN = 3.8V, CIN = 10 µF ceramic (X5R), COUT = 1 µF ceramic (X5R), ILOAD = 100 µA,
SELECT12 = NC, SELECT34 = VIN, SHDN1/2/3/4 = VIN, TA = 25°C.
Junction temperature (TJ) is approximated by soaking the device under test at an ambient temperature equal to the
desired Junction temperature. The test time is small enough such that the rise in the Junction temperature over the
Ambient temperature is not significant.
FIGURE 2-31: Reset VOL-RES vs. ISINK.
FIGURE 2-32: Reset
VOL-RES
vs.
Junction
Temperature.
FIGURE 2-33: Reset VOH-RES vs. ISOURCE.
FIGURE 2-34: Reset
VOH-RES
vs.Junction
Temperature.
FIGURE 2-35: Power-Up RESET Timing.
FIGURE 2-36: Ground Current vs. Load Current.
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.0
2.0
4.0
6.0
8.0
10.0
Sink Current (mA)
VDET = 2.55V
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
-40
-25
-10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VDET = 2.55V
ISINK = 1.2 mA
ISINK = 3.2 mA
2.00
2.20
2.40
2.60
2.80
3.00
3.20
3.40
3.60
3.80
4.00
0.00
2.00
4.00
6.00
8.00
10.00
Source Current (mA)
VDET = 3.80V
5.91
5.92
5.93
5.94
5.95
5.96
5.97
-40
-25
-10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VDET = 6.0V
ISOURCE = 500 µA
ISOURCE = 800 µA
200
225
250
275
300
325
0
25
50
75
100
125
150
Load Current (mA)
VDET = VIN = 3 .8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com