Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1307 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1307
Description  Four-Channel CMOS LDO with Select Mode, Shutdown and Independent Reset
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1307 Datasheet(HTML) 1 Page - Microchip Technology

  TC1307 Datasheet HTML 1Page - Microchip Technology TC1307 Datasheet HTML 2Page - Microchip Technology TC1307 Datasheet HTML 3Page - Microchip Technology TC1307 Datasheet HTML 4Page - Microchip Technology TC1307 Datasheet HTML 5Page - Microchip Technology TC1307 Datasheet HTML 6Page - Microchip Technology TC1307 Datasheet HTML 7Page - Microchip Technology TC1307 Datasheet HTML 8Page - Microchip Technology TC1307 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
 2002 Microchip Technology Inc.
DS21702A-page 1
M
TC1307
Features
• Four Independent 150 mA LDOs
• Low Supply Current (220 µA typical)
• High Output Voltage Accuracy (0.5% typical)
• Low Dropout Voltage (100 mV typical with
150 mA load)
• Four Independent Shutdown Inputs
• Select Mode™: Selectable Output Voltages for
High Design Flexibility
• Integrated Independent Microprocessor Reset
• Low Noise Outputs
• Fast Response from Shutdown (10 µs typical)
• RESET Output for Low Battery Detection or Reset
Generator
• Over Current and Over-Temperature Protection
• Small 16-Pin QSOP Package
• Specified Junction Temperature Range:
- -40°C to +125°C
Applications
• Battery Operated Systems
• Potable Computers
• Set Top Boxes
• Load Partitioning
• Medical Instruments
• Cellular / GSM / PHS Phones
• Instrumentation
• Linear Post Regulator for SMPS
• Pagers
Description
The TC1307 combines four CMOS Low Dropout Linear
Regulators with a Microcontroller Monitor in a space-
saving 16-Pin QSOP package. Developed specifically
for battery powered portable applications, all four out-
puts of the TC1307 typically consume a total of 220 µA
supply current, hold the output voltage to a tolerance of
0.5% and require 100 mV of headroom for regulation at
the maximum output current of 150 mA. In addition to
the four high performance LDOs, the TC1307 also
includes a voltage detector with a delayed RESET out-
put that can be configured for low battery detection or
Microcontroller Reset Generator.
All four LDOs have independent shutdown inputs and
can be programmed using two select inputs making the
TC1307 adaptable for a wide range of multiple output
applications. The tri-state SELECT12 input pin allows
the designer to select the output voltages on VOUT1,
and VOUT2 from three different values (2.5V, 2.8V or
3.0V). The tri-state SELECT34 input pin allows the
designer to select the output voltages on VOUT3, and
VOUT4 from three different values (1.8V, 2.5V or 2.8V).
All four LDO’s require only a 1 µF output capacitor for
stability that can be ceramic, tantalum or aluminum
over the entire input voltage operating range and 0 mA
to 150 mA rated load range. All four LDOs have low
output noise and excellent dynamic response when
faced with sudden line and load changes.
The voltage detect pin is set for a threshold of 2.63V
(typical) and operates down to a minimum input voltage
of 1.0V. When the voltage on the detect pin rises above
the 2.63V threshold, the RESET output is held low for
300 ms (typical).
Additional integrated features include over-current pro-
tection and over-temperature protection providing full
protection from external load faults.
Package Types
TC1307
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
V
DET
SHDN1
SHDN3
SHDN4
SHDN2
SELECT12
SELECT34
V
IN
V
IN
V
IN
RESET
V
OUT
1
V
OUT
2
V
OUT
3
V
OUT
4
GND
QSOP
Four-Channel CMOS LDO with Select Mode, Shutdown and
Independent Reset


Similar Part No. - TC1307

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
TC1307D-241M PRODUCTWELL-TC1307D-241M Datasheet
129Kb / 4P
TOROID INDUCTORS
More results

Similar Description - TC1307

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1014 TELCOM-TC1014 Datasheet
109Kb / 10P
50mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
logo
Microchip Technology
TC1107 MICROCHIP-TC1107 Datasheet
443Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174 Datasheet
444Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1305 MICROCHIP-TC1305 Datasheet
530Kb / 18P
Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and Independent RESET Output
2002
TC1306 MICROCHIP-TC1306 Datasheet
524Kb / 16P
Dual 150mA CMOS LDOWith Select Mode??Operation, Shutdown and RESET Output
2002
TC1300 MICROCHIP-TC1300 Datasheet
330Kb / 16P
300 mA CMOS LDO with Shutdown, Bypass and Independent Delayed Reset Function
2002
TC1306 MICROCHIP-TC1306_07 Datasheet
535Kb / 18P
Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and RESET Output
2007
logo
Eutech Microelectronics...
EUP7559 EUTECH-EUP7559 Datasheet
588Kb / 10P
Low Noise Dual 300mA LDO with Independent Shutdown
logo
Microchip Technology
TC1174 MICROCHIP-TC1174_13 Datasheet
211Kb / 14P
300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1107-3.3VUA MICROCHIP-TC1107-3.3VUA Datasheet
433Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com