Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1307 Datasheet(PDF) 9 Page - Microchip Technology

Part # TC1307
Description  Four-Channel CMOS LDO with Select Mode, Shutdown and Independent Reset
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1307 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC1307 Datasheet HTML 5Page - Microchip Technology TC1307 Datasheet HTML 6Page - Microchip Technology TC1307 Datasheet HTML 7Page - Microchip Technology TC1307 Datasheet HTML 8Page - Microchip Technology TC1307 Datasheet HTML 9Page - Microchip Technology TC1307 Datasheet HTML 10Page - Microchip Technology TC1307 Datasheet HTML 11Page - Microchip Technology TC1307 Datasheet HTML 12Page - Microchip Technology TC1307 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
 2002 Microchip Technology Inc.
DS21702A-page 9
TC1307
Note: Unless otherwise indicated, VIN = 3.8V, CIN = 10 µF ceramic (X5R), COUT = 1 µF ceramic (X5R), ILOAD = 100 µA,
SELECT12 = NC, SELECT34 = VIN, SHDN1/2/3/4 = VIN,TA = 25°C.
Junction temperature (TJ) is approximated by soaking the device under test at an ambient temperature equal to the
desired Junction temperature. The test time is small enough such that the rise in the Junction temperature over the
Ambient temperature is not significant.
FIGURE 2-25: Response From SHDN.
FIGURE 2-26: Output Voltage vs. Current.
FIGURE 2-27: Short Circuit Current vs. Input Voltage.
FIGURE 2-28: Power-Up Reset Time-out Period vs.
Junction Temperature.
FIGURE 2-29: Reset Threshold Voltage vs. Junction
Temperature.
FIGURE 2-30: Reset Delay vs. Overdrive Voltage.
0
0.5
1
1.5
2
2.5
3
50
100
150
200
250
300
350
400
Output Current (mA)
COUT = 1 µF
VOUT = Set to 2.8V
0
50
100
150
200
250
300
350
400
450
500
123
456
Input Voltage (V)
COUT = 1 µF
ROUT < 0.1 ohm
VOUT = Set to 2.8V
200
225
250
275
300
325
350
375
-40
-25
-10
5
20
35
50
65
80
95
110
125
Junction Temperature (°C)
VDET = 0V to 2.7V
2.626
2.627
2.628
2.629
2.63
2.631
2.632
2.633
2.634
-40
-25
-10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
RESET = OPEN
40
60
80
100
120
140
160
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
Overdrive Voltage (V below VTH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com