Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1307 Datasheet(PDF) 13 Page - Microchip Technology

Part # TC1307
Description  Four-Channel CMOS LDO with Select Mode, Shutdown and Independent Reset
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1307 Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC1307 Datasheet HTML 9Page - Microchip Technology TC1307 Datasheet HTML 10Page - Microchip Technology TC1307 Datasheet HTML 11Page - Microchip Technology TC1307 Datasheet HTML 12Page - Microchip Technology TC1307 Datasheet HTML 13Page - Microchip Technology TC1307 Datasheet HTML 14Page - Microchip Technology TC1307 Datasheet HTML 15Page - Microchip Technology TC1307 Datasheet HTML 16Page - Microchip Technology TC1307 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
 2002 Microchip Technology Inc.
DS21702A-page 13
TC1307
4.0
DEVICE OVERVIEW
The TC1307 integrates four high performance linear
Low Dropout Regulators and a microcontroller reset
function.
As shown in the block diagram (Figure 4-3) using
dashed lines, each LDO has an independent shut-
down, error amplifier, P-MOS pass transistor and feed-
back divider resistors. All four LDOs share a common
voltage reference. LDO output numbers one and two
share a tri-state select input while LDO numbers three
and four share a tri-state select input. The select input
is used to program the LDO output voltage.
Also shown in the block diagram is the microcontroller
reset monitor. The reset monitor voltage detect input is
independent of the LDO input or output voltages.
4.1
Low Dropout Out Linear Regulators
4.1.1
OUTPUT
The TC1307 integrates four low drop out linear regula-
tors. Each regulator has 150 mA output current capa-
bility. A minimum of 1 µF output capacitance is required
on each of the LDOs for circuit stability. The output
capacitor type can be ceramic, tantalum or aluminum.
The esr range required for the output capacitor is 0
Ω
to 2
Ω. To improve the dynamic performance of the
LDO in cases where sudden input voltage changes or
load current changes are present, larger capacitors can
be used.
The output voltage of the LDO can be selected using
the SELECT input pins. Table 4-1 summarizes how to
select the desired LDO output voltage for VOUT1 and
VOUT2. Table 4-2 summarizes how to select the desired
LDO output voltage for VOUT3 and VOUT4.
TABLE 4-1:
SELECT12 MODE settings.
TABLE 4-2:
SELECT34 MODE Settings.
4.1.2
INPUT
The TC1307, like all low drop out linear regulators,
requires a relatively low source impedance (< 10
Ω)
tied to the VIN pin of the device to ensure circuit stabil-
ity. For battery applications or in applications that have
long lead length from the input voltage source to the
LDO VIN pin, a minimum capacitance of 2.2 µF is rec-
ommended to lower the source impedance. For appli-
cations that have more than 1 µF of capacitance on the
LDO outputs, higher input capacitance (4.7 µF) may be
needed to ensure stability.
4.1.3
SHUTDOWN OPERATION
Each LDO output can be enabled and disabled using
its respective shutdown input pin. For example, when
the level on SHDN1 is below the logic low level thresh-
old (VIL), LDO#1 output is disabled (P-Channel MOS-
FET is turned OFF). If all four shutdown inputs are
below VIL, the bandgap reference is turned off and the
shutdown current is typically less than 0.1 µA. The LDO
output will typically wake-up in 10 µs and the output will
settle in approximately 40 µs when brought out of shut-
down mode. See Figure 4-1 for timing definition. The
microcontroller RESET output function is independent
of all SHDN input pins.
4.2
Voltage Reset Monitor
The independent voltage reset output of the TC1307
can be used for low battery input voltage detect or
microcontroller power on reset function. The voltage
reset function monitors the voltage on the VDET pin.
The active low RESET output is capable of sourcing
and sinking current (Push-Pull). When the voltage on
the VDET pin is below the 2.63V typical threshold, the
RESET output pin is active low and capable of sinking
3.2 mA while holding the RESET output voltage below
0.4V. When the voltage on the VDET pin rises above the
2.63V typical threshold, the RESET output will remain
low for the TRESET time period. After the RESET time
out period, the RESET output voltage will transition to
the high output state (> VDET-1.5V when sourcing
800 µA), if the VDET pin remains above the threshold
voltage. The RESET output is current limited. The max-
imum source or sink current recommended for normal
operation is 10 mA.
The RESET output will be driven low within 100 µsec of
VDET pin going below the RESET voltage threshold of
2.63V typical. The RESET output will remain valid for
VDET voltages greater than 1.0V. See Figure 4-2 for
VDET and RESET output timing diagram.
SELECT12
VOUT1
VOUT2
GND
2.50V
2.50V
No Connect
2.80V
2.80V
VIN
3.00V
3.00V
SELECT34
VOUT3
VOUT4
GND
1.80V
1.80V
No Connect
2.50V
2.50V
VIN
2.80V
2.80V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com