Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC648 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC648
Description  Fan Speed Controller with Auto-Shutdown and Over-Temperature Alert
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC648 Datasheet(HTML) 5 Page - Microchip Technology

  TC648 Datasheet HTML 1Page - Microchip Technology TC648 Datasheet HTML 2Page - Microchip Technology TC648 Datasheet HTML 3Page - Microchip Technology TC648 Datasheet HTML 4Page - Microchip Technology TC648 Datasheet HTML 5Page - Microchip Technology TC648 Datasheet HTML 6Page - Microchip Technology TC648 Datasheet HTML 7Page - Microchip Technology TC648 Datasheet HTML 8Page - Microchip Technology TC648 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
 2002 Microchip Technology Inc.
DS21448C-page 5
TC648
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
2.1
Analog Input (VIN)
The thermistor network (or other temperature sensor)
connects to the VIN input. A voltage range of 1.25V to
2.65V (typical) on this pin drives an active duty cycle of
0% to 100% on the VOUT pin (see Section 5.0, “Typical
Applications”, for more details).
2.2
Analog Output (CF)
CF is the positive terminal for the PWM ramp generator
timing capacitor. The recommended CF is 1 µF for
30 Hz PWM operation.
2.3
Analog Input (VAS)
An external resistor divider connected to the VAS input
sets the auto-shutdown threshold. Auto-shutdown
occurs when VIN ≤ VAS. During shutdown, supply
current falls to 25 µA (typical). The fan is automatically
restarted when VIN ≥ (VAS +VHAS) (see Section 5.0,
“Typical Applications” for more details).
2.4
Ground (GND)
GND denotes the ground Terminal.
2.5
No Connect
No internal connection.
2.6
Digital Output (OTF)
OTF goes low to indicate an over-temperature
condition. This occurs when the voltage at VIN > VOTF
(see Section 1.0, "Electrical Characteristics"). An over-
temperature indication is a non-latching condition.
2.7
Digital Output (VOUT)
VOUT is an active high complimentary output that drives
the base of an external NPN transistor (via an appropri-
ate base resistor) or the gate of an N-channel MOS-
FET. This output has asymmetrical drive (see
Section 1.0, “Electrical Characteristics”).
2.8
Power Supply Input (VDD)
VDD may be independent of the fan’s power supply
(see Section 1.0, “Electrical Characteristics”).
Pin No.
Symbol
Description
1VIN
Analog Input
2CF
Analog Output
3VAS
Analog Input
4
GND
Ground Terminal
5
NC
No Internal Connection
6OTF
Digital (Open Collector) Output
7VOUT
Digital Output
8VDD
Power Supply Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com