Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC648 Datasheet(PDF) 14 Page - Microchip Technology

Part # TC648
Description  Fan Speed Controller with Auto-Shutdown and Over-Temperature Alert
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC648 Datasheet(HTML) 14 Page - Microchip Technology

Back Button TC648 Datasheet HTML 10Page - Microchip Technology TC648 Datasheet HTML 11Page - Microchip Technology TC648 Datasheet HTML 12Page - Microchip Technology TC648 Datasheet HTML 13Page - Microchip Technology TC648 Datasheet HTML 14Page - Microchip Technology TC648 Datasheet HTML 15Page - Microchip Technology TC648 Datasheet HTML 16Page - Microchip Technology TC648 Datasheet HTML 17Page - Microchip Technology TC648 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
TC648
DS21448C-page 14
 2002 Microchip Technology Inc.
FIGURE 5-7:
Powering the Fan from a -12V Supply.
5.5
Latch-up Considerations
As with any CMOS IC, the potential exists for latch-up
if signals are applied to the device which are outside
the power supply range. This is of particular concern
during power-up if the external circuitry (such as the
sensor network, VAS divider or shutdown circuit) are
powered by a supply different from that of the TC648.
Care should be taken to ensure that the TC648’s VDD
supply powers up first. If possible, the networks
attached to VIN and VAS should connect to the VDD sup-
ply at the same physical location as the IC itself. Even
if the IC and any external networks are powered by the
same supply, physical separation of the connecting
points can result in enough parasitic capacitance and/
or inductance in the power supply connections to delay
one power supply “routing” versus another.
5.6
Power Supply Routing and
Bypassing
Noise present on the VIN and VAS inputs may cause
erroneous operation of the OTF output. As a result,
these inputs should be bypassed with a 0.01 µF capac-
itor mounted as close to the package as possible. This
is especially true of VIN, which is usually driven from a
high impedance source (such as a thermistor). Addi-
tionally, the VDD input should be bypassed with a 1 µF
capacitor and grounds should be kept as short as pos-
sible. To keep fan noise off the TC648 ground pin, indi-
vidual ground returns for the TC648 and the low side of
the fan drive device should be used.
Auto-Shutdown Mode Design Example
Step 1. Calculate R1 and R2 based on using an NTC
having a resistance of 10 k
Ω at TMIN (25°C)
and 4.65 k
Ω at TMAX (45°C) (see Figure 5-8).
R1 = 20.5 kΩ
R2 = 3.83 kΩ
Step 2. Set auto-shutdown level.
VAS = 1.8V
Limit the divider current to 100 µA
R5 = 33 kΩ
R6 = 18 kΩ
Step 3. Design the output circuit
Maximum fan motor current = 250 mA.
Q1 beta is chosen at 50 from which
R7 = 800 Ω.
5.7
Minimum Speed Mode Design
Example
Given:
Minimum speed = 40%(1.8V)
TMIN = 30°C, TMAX = 95°C
Thermistor = 100 k
Ω at 25°C
RTMIN = 79.4 kΩ, RTMAX = 6.5 kΩ
Step 1: Calculate R1:
R1 = 7.9 kΩ (Use closest standard value:
7.87 k
Ω)
Calculate R2:
R2 = 4.05 kΩ (Use closest standard value:
4.02 k
Ω)
Step 2: Verify VMAX:
VMAX = 2.64V
GND
+5V
-12V
Q1*
VDD
VOUT
TC648
Fan
R2*
2.2 k
R4*
D1
NOTE: *Value depends on the specific application and is shown for example only.
12.0V
Zener
10 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com