Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC648 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC648
Description  Fan Speed Controller with Auto-Shutdown and Over-Temperature Alert
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC648 Datasheet(HTML) 1 Page - Microchip Technology

  TC648 Datasheet HTML 1Page - Microchip Technology TC648 Datasheet HTML 2Page - Microchip Technology TC648 Datasheet HTML 3Page - Microchip Technology TC648 Datasheet HTML 4Page - Microchip Technology TC648 Datasheet HTML 5Page - Microchip Technology TC648 Datasheet HTML 6Page - Microchip Technology TC648 Datasheet HTML 7Page - Microchip Technology TC648 Datasheet HTML 8Page - Microchip Technology TC648 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
 2002 Microchip Technology Inc.
DS21448C-page 1
M
TC648
Features
• Temperature Proportional Fan Speed for Acoustic
Control and Longer Fan Life
• Efficient PWM Fan Drive
• 3.0V to 5.5V Supply Range:
- Fan Voltage Independent of TC648
Supply Voltage
- Supports any Fan Voltage
• Over-temperature Fault Detection
• Automatic Shutdown Mode for “Green” Systems
• Supports Low Cost NTC/PTC Thermistors
• Space Saving 8-Pin MSOP Package
Applications
• Power Supplies
• Computers
• Portable Computers
• Telecom Equipment
• UPSs, Power Amps
• General Purpose Fan Speed Control
Available Tools
• Fan Controller Demonstration Board (TC642DEMO)
• Fan Controller Evaluation Kit (TC642EV)
Package Types
General Description
The TC648 is a switch mode, fan speed controller for
use with brushless DC fans. Temperature proportional
speed control is accomplished using pulse width mod-
ulation (PWM). A thermistor (or other voltage output
temperature sensor) connected to the VIN input
furnishes the required control voltage of 1.25V to 2.65V
(typical) for 0% to 100% PWM duty cycle. The TC648
can be configured to operate in either auto-shutdown or
minimum speed mode. In auto-shutdown mode, fan
operation is automatically suspended when measured
temperature (VIN) is lower than a user programmed
minimum setting (VAS). The fan is automatically
restarted, and proportional speed control restored,
when VIN exceeds VAS (plus hysteresis). Operation in
minimum speed mode is similar to auto-shutdown
mode, with the exception that the fan is operated at a
user programmed minimum setting when the mea-
sured temperature is low. An integrated Start-up Timer
ensures reliable motor start-up at turn-on, and when
coming out of shutdown or auto-shutdown mode.
The over-temperature fault output (OTF) is asserted
when the PWM reaches 100% duty cycle, indicating a
possible thermal runaway situation.
The TC648 is available in the 8-pin plastic DIP, SOIC
and MSOP packages and is available in the industrial
and extended commercial temperature ranges.
18
27
36
45
TC648
GND
CF
VIN
VAS
OTF
NC
VDD
VOUT
SOIC/PDIP/MSOP
Fan Speed Controller with Auto-Shutdown
and Over-Temperature Alert


Similar Part No. - TC648

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC648 MICROCHIP-TC648 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
TC648 MICROCHIP-TC648 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
TC648B MICROCHIP-TC648B Datasheet
683Kb / 36P
PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
2003
TC648B MICROCHIP-TC648B Datasheet
580Kb / 36P
PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
11/29/12
TC648B MICROCHIP-TC648B Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
More results

Similar Description - TC648

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC646 MICROCHIP-TC646 Datasheet
473Kb / 28P
PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
2002
TC649 MICROCHIP-TC649 Datasheet
478Kb / 28P
PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
2002
TC651 MICROCHIP-TC651 Datasheet
440Kb / 14P
Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert
2002
TC646B MICROCHIP-TC646B Datasheet
683Kb / 36P
PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
2003
DTC646 MICROCHIP-DTC646 Datasheet
386Kb / 30P
PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
11/29/12
TC646B MICROCHIP-TC646B_13 Datasheet
580Kb / 36P
PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
11/29/12
TC648 MICROCHIP-TC648_13 Datasheet
364Kb / 28P
Fan Speed Controller with Auto-Shutdown and Over-Temperature Alert
11/29/12
TC649 MICROCHIP-TC649_13 Datasheet
391Kb / 28P
PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
11/29/12
TC650 MICROCHIP-TC650_13 Datasheet
262Kb / 18P
Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
11/29/12
TC646BEPA MICROCHIP-TC646BEPA Datasheet
728Kb / 36P
PWM Fan Speed Controllers With Auto-Shutdown
03/25/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com