Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC648 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC648
Description  Fan Speed Controller with Auto-Shutdown and Over-Temperature Alert
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC648 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC648 Datasheet HTML 7Page - Microchip Technology TC648 Datasheet HTML 8Page - Microchip Technology TC648 Datasheet HTML 9Page - Microchip Technology TC648 Datasheet HTML 10Page - Microchip Technology TC648 Datasheet HTML 11Page - Microchip Technology TC648 Datasheet HTML 12Page - Microchip Technology TC648 Datasheet HTML 13Page - Microchip Technology TC648 Datasheet HTML 14Page - Microchip Technology TC648 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
 2002 Microchip Technology Inc.
DS21448C-page 11
TC648
mistor resistance at TMIN. R2 is then calculated to
deliver the desired speed at TMIN. The values for R1, R2
and RT1 are then checked at TMAX for 2.65V nominal.
It may be necessary to adjust the values of R1 and R2
after the initial calculation to obtain the desired results.
The design equations are:
EQUATION
EQUATION
EQUATION
Because the thermistor characteristics are fixed, it may
not be possible, in certain applications, to obtain the
desired values of VMIN and VMAX using the above
equations. In this case, the circuit in Figure 5-4 can be
used. Diode D1 clamps VIN to the voltage required to
sustain minimum speed. The calculations of R1 and
R2 for the temperature sensor are identical to the
equation on the previous page.
FIGURE 5-4:
Minimum Fan Speed Circuit.
5.3
Auto-Shutdown Temperature
Design
A voltage divider on VAS sets the temperature at which
the part is automatically shut down if the sensed
temperature at VIN drops below the set temperature at
VAS (i.e. VIN < VAS).
As with the VIN input, 1.25V to 2.65V corresponds to
the temperature range of interest from T1 to T2,
respectively. Assuming that the temperature sensor
network designed previously is linearly related to
temperature, the shutdown temperature TAS is related
to T2 and T1 by:
EQUATION
For example, if 1.25V and 2.65V at VIN corresponds to
a temperature range of T1 = 0°C to T2 = 125°C, and the
auto-shutdown temperature desired is 25°C, then the
VAS voltage is:
EQUATION
The VAS voltage may be set using a simple resistor
divider, as shown in Figure 5-5.
FIGURE 5-5:
VAS Circuit.
R1 = (0.1)(RT1MIN)
Where: RT1 = Thermistor resistance at TMIN
R2 =
(RT1MIN)(R1)(VMIN)
(RT1MIN + R1)(VDD - VMIN)
Where VMIN = the value of VIN required for
minimum fan speed. VDD = Power Supply Voltage
VMAX =
(RT1MIN)(R1)(VMIN)
R2 (R1 + RT1MAX )(VDD)
Where RT1MAX = thermistor resistance at TMAX,
VMAX = the value of VIN required for maximum
fan speed.
R1
R2
R3
R4
D1
RT1
VDD
VIN
2.65 - 1.25V
T2 - T1
=
VAS - 1.25
TAS - T1
VAS =
1.4V
T2 - T1
(TAS - T1) + 1.25
(
)
1.4V
(125 - 0)
VAS =
(25 - 0) + 1.25 = 1.53V
R2
R1
GND
VDD
VAS
IDIV
IIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com