Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC648 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC648
Description  Fan Speed Controller with Auto-Shutdown and Over-Temperature Alert
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC648 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC648 Datasheet HTML 3Page - Microchip Technology TC648 Datasheet HTML 4Page - Microchip Technology TC648 Datasheet HTML 5Page - Microchip Technology TC648 Datasheet HTML 6Page - Microchip Technology TC648 Datasheet HTML 7Page - Microchip Technology TC648 Datasheet HTML 8Page - Microchip Technology TC648 Datasheet HTML 9Page - Microchip Technology TC648 Datasheet HTML 10Page - Microchip Technology TC648 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
 2002 Microchip Technology Inc.
DS21448C-page 7
TC648
FIGURE 3-1:
TC648 Nominal Operation.
4.0
SYSTEM BEHAVIOR
The flowcharts describing the TC648’s behavioral
algorithms are shown in Figure 4-1. They can be
summarized as follows:
4.1
Power-Up
(1) Assuming the device is not being held in shut-
down or auto-shutdown mode (VIN > VAS)..........
(2) Turn VOUT output on for 32 cycles of the PWM
clock. This ensures that the fan will start from a
dead stop.
(3) Branch to Normal Operation.
(4) End.
4.2
Normal Operation
Normal Operation is an endless loop which may only
be exited by entering shutdown or auto-shutdown
mode. The loop can be thought of as executing at the
frequency of the oscillator and PWM.
(1) Drive VOUT to a duty cycle proportional to VIN on a
cycle by cycle basis.
(2) If an over-temperature fault occurs, (VIN > VOTF),
activate OTF; release OTF when VIN < VOTF.
(3) Is the TC648 in shutdown or auto-shutdown
mode?
If so.....
a. VOUT duty cycle goes to zero.
b. OTF is disabled.
c. Exit the loop and wait for VIN > (VAS + VHAS),
then execute Power-up sequence.
(4) End.
2.6V
VAS + VHAS
VIN
tRESET
VREL
VSHDN
VAS
1.2V
TC646
Status
Normal
Operation
Auto-Shutdown
Mode
Normal
Operation
Shut-
Down
Normal
Operation
GND
Time
TEMP.
HI
LO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com