Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5085SDE/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM5085SDE/NOPB
Description  75V Constant On-Time PFET Buck Switching Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5085SDE/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM5085SDE/NOPB Datasheet HTML 1Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 2Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 3Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 4Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 5Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 6Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 7Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 8Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
8
7
6
5
4
3
2
1
Exposed Pad on Bottom
Connect to Ground
FB
GND
ADJ
PGATE
ISEN
VCC
RT
VIN
1
2
3
4
5
8
7
6
Exposed Pad on Bottom
Connect to Ground
FB
PGATE
ISEN
GND
VCC
ADJ
RT
VIN
1
2
3
4
5
8
7
6
FB
PGATE
ISEN
GND
VCC
ADJ
RT
VIN
LM5085, LM5085-Q1
www.ti.com
SNVS565I – NOVEMBER 2008 – REVISED AUGUST 2015
5 Pin Configuration and Functions
8-Pins
8-Pins
8-Pins
HVSSOP Package
WSON Package
VSSOP Package
Top View
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
APPLICATION INFORMATION
NAME
NO.
ADJ
1
I
Current Limit Adjust
The current limit threshold is set by an external resistor from VIN to ADJ
in conjunction with the external sense resistor or the PFET’s RDS(ON).
RT
2
I
On-Time Control and Shutdown
An external resistor from VIN to RT sets the buck switch on-time and
switching frequency. Grounding this pin shuts down the controller.
FB
3
I
Voltage Feedback From the
Input to the regulation and over-voltage comparators. The regulation
Regulated Output
level is 1.25V.
GND
4
-
Circuit Ground
Ground reference for all internal circuitry
ISEN
5
I
Current Sense Input for Current limit
Connect to the PFET drain when using RDS(ON) current sense. Connect
Detection.
to the PFET source and the sense resistor when using a current sense
resistor.
PGATE
6
O
Gate Driver Output
Connect to the gate of the external PFET.
VCC
7
O
Output of the gate driver bias
Output of the negative voltage regulator (relative to VIN) that biases the
regulator
PFET gate driver. A low ESR capacitor is required from VIN to VCC,
located as close as possible to the pins.
VIN
8
I
Input Supply Voltage
The operating input range is from 4.5V to 75V. A low ESR bypass
capacitor must be located as close as possible to the VIN and GND pins.
EP
-
Exposed Pad
Exposed pad on the underside of the package (HVSSOP and WSON
only). This pad is to be soldered to the PC board ground plane to aid in
heat dissipation.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VIN to GND
–0.3
76
V
ISEN to GND
–3
VIN + 0.3
V
ADJ to GND
–0.3
VIN + 0.3
V
RT, FB to GND
–0.3
7
V
VIN to VCC, VIN to PGATE
–0.3
10
V
Storage temperature, Tstg
–65
150
°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Recommended Operating Conditions are
conditions under which operation of the device is intended to be functional. For specifications and test conditions, see the Electrical
Characteristics .
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5085 LM5085-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com