Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5085SDE/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM5085SDE/NOPB
Description  75V Constant On-Time PFET Buck Switching Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5085SDE/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5085SDE/NOPB Datasheet HTML 12Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 13Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 14Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 15Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 16Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 17Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 18Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 19Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
LM5085, LM5085-Q1
SNVS565I – NOVEMBER 2008 – REVISED AUGUST 2015
www.ti.com
7.4 Device Functional Modes
7.4.1 Standby Mode with VIN <4.5 V
The LM5085 is intended to operate with input voltages above 4.5 V. The minimum operating input voltage is
determined by the VCC undervoltage lockout threshold of 3.8 V (typ). If VIN is too low to support a VCC voltage
greater than the VCC UVLO threshold, the controller switches to the standby mode with the PFET buck switch in
the off state.
7.4.2 RT Shutdown Mode
The LM5085 is in shutdown mode when the RT pin is pulled below 0.73 V (typ). In this mode, the PFET gate
driver is held off and the VCC regulator is disabled.
16
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM5085 LM5085-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com