Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5085SDE/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5085SDE/NOPB
Description  75V Constant On-Time PFET Buck Switching Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5085SDE/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM5085SDE/NOPB Datasheet HTML 1Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 2Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 3Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 4Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 5Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 6Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 7Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 8Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
FB
LM5085
PGATE
ISEN
GND
VCC
ADJ
4.5V to 75V
Input
VIN
GND
SHUTDOWN
CIN
RT
CVCC
CADJ
RADJ
Q1
D1
L1
Cff
COUT
RFB2
RFB1
VOUT
GND
VIN
RT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM5085, LM5085-Q1
SNVS565I – NOVEMBER 2008 – REVISED AUGUST 2015
LM5085/-Q1 75-V Constant On-Time PFET Buck Switching Controller
1 Features
3 Description
The LM5085 is a high efficiency PFET switching
1
•
LM5085-Q1 is an Automotive Grade Product that
regulator controller that can be used to quickly and
is AEC-Q100 Grade 1 Qualified (–40°C to 125°C
easily develop a small, efficient buck regulator for a
Operating Junction Temperature)
wide
range
of
applications.
This
high
voltage
•
Wide 4.5-V to 75-V Input Voltage Range
controller contains a PFET gate driver and a high
voltage bias regulator which operates over a wide
•
Adjustable Current Limit Using RDS(ON) or a
4.5-V to 75-V input range. The constant on-time
Current Sense Resistor
regulation principle requires no loop compensation,
•
Programmable Switching Frequency to 1MHz
simplifies
circuit
implementation,
and
results
in
•
No Loop Compensation Required
ultrafast load transient response. The operating
•
Ultra-Fast Transient Response
frequency remains nearly constant with line and load
variations due to the inverse relationship between the
•
Nearly Constant Operating Frequency with Line
input voltage and the on-time. The PFET architecture
and Load Variations
allows 100% duty cycle operation for a low dropout
•
Adjustable Output Voltage from 1.25 V
voltage. Either the RDS(ON) of the PFET or an external
•
Precision ±2% Feedback Reference
sense resistor can be used to sense current for over-
current detection.
•
Capable of 100% Duty Cycle Operation
•
Internal Soft-start Timer
Device Information(1)
•
Integrated High Voltage Bias Regulator
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Thermal Shutdown
VSSOP (8)
•
Package:
LM5085
HVSSOP (8)
3.00 mm x 3.00 mm
–
HVSSOP-8
WSON (8)
LM5085-Q1
HVSSOP (8)
3.00 mm x 3.00 mm
–
VSSOP-8
–
WSON-8
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
2 Applications
•
Automotive Infotainment
•
Battery/Super Capacitor Chargers
•
LED Drivers
Typical Application, Basic Step Down Controller
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM5085SDE/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5085SDE TI1-LM5085SDE Datasheet
441Kb / 23P
75V Constant On-Time PFET Buck Switching Controller
More results

Similar Description - LM5085SDE/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5085 NSC-LM5085 Datasheet
463Kb / 22P
75V Constant On-Time PFET Buck Switching Controller
LM25085A NSC-LM25085A Datasheet
517Kb / 24P
42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
LM25085 NSC-LM25085 Datasheet
500Kb / 24P
42V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM5085 TI1-LM5085 Datasheet
441Kb / 23P
75V Constant On-Time PFET Buck Switching Controller
LM25085MME TI1-LM25085MME Datasheet
1Mb / 30P
LM25085, LM25085-Q1 42V Constant On-Time PFET Buck Switching Controller
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
350 mA Constant On-Time Buck Switching Regulator
LM25085A TI1-LM25085A_14 Datasheet
1Mb / 31P
42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
LM25085 TI-LM25085_15 Datasheet
1Mb / 34P
LM25085 / -Q1 42V Constant On-Time PFET Buck Switching Controller
LM25085A TI1-LM25085A_15 Datasheet
1Mb / 31P
42V Constant On-Time PFET Buck Switching Controller
logo
Microchip Technology
MIC2127A MICROCHIP-MIC2127A Datasheet
827Kb / 38P
75V, Synchronous Buck Controller Featuring Adaptive On-Time Control
11/07/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com