Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5085SDE/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM5085SDE/NOPB
Description  75V Constant On-Time PFET Buck Switching Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5085SDE/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM5085SDE/NOPB Datasheet HTML 1Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 2Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 3Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 4Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 5Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 6Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 7Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 8Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
LM5085, LM5085-Q1
www.ti.com
SNVS565I – NOVEMBER 2008 – REVISED AUGUST 2015
Electrical Characteristics (continued)
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over –40°C to 125°C junction temperature range
unless otherwise stated. Unless otherwise stated the following conditions apply: VIN = 48 V, RT = 100kΩ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PGATE PIN
VPGATE(HI)
PGATE High Voltage
PGATE Pin = Open
VIN -0.1
VIN
V
VPGATE(LO)
PGATE Low Voltage
PGATE Pin = Open
VCC
VCC+0.1
V
VPGATE(HI)4.5
PGATE High Voltage at Vin = 4.5V
PGATE Pin = Open
VIN -0.1
VIN
V
VPGATE(LO)4.5
PGATE Low Voltage at Vin = 4.5V
PGATE Pin = Open
VCC
VCC+0.1
V
IPGATE
Driver Output Source Current
VIN = 12 V, PGATE = VIN - 3.5 V
1.75
A
Driver Output Sink Current
VIN = 12 V, PGATE = VIN - 3.5 V
1.5
A
RPGATE
Driver Output Resistance
Source Current = 500 mA
2.3
Ω
Sink Current = 500 mA
2.3
Ω
CURRENT LIMIT DETECTION
IADJ
ADJUST Pin Current Source
VADJ = 46.5 V
32
40
48
µA
VCL OFFSET
Current Limit Comparator Offset
VADJ = 46.5 V, VADJ - VISEN
-9
0
9
mV
RT PIN
RTSD
Shutdown Threshold
RT Pin Voltage Rising
0.73
V
RTHYS
Shutdown Threshold Hysteresis
50
mV
ON-TIME
tON – 1
On-Time
VIN = 4.5 V, RT = 100kΩ
3.5
5
7.15
µs
tON – 2
VIN = 48 V, RT = 100kΩ
276
360
435
ns
tON - 3
VIN = 75 V, RT = 100kΩ
177
235
285
ns
tON - 4
Minimum On-Time in Current Limit
VIN = 48 V, 25 mV Overdrive at ISEN
55
140
235
ns
(3)
OFF-TIME
tOFF(CL1)
VIN = 12 V, VFB = 0 V
5.35
7.9
10.84
µs
tOFF(CL2)
VIN = 12 V, VFB = 1 V
1.42
1.9
3.03
µs
Off-Time (Current Limit) (3)
tOFF(CL3)
VIN = 48 V, VFB = 0 V
16
24
32.4
µs
tOFF(CL4)
VIN = 48 V, VFB = 1 V
3.89
5.7
8.67
µs
REGULATION AND OVERVOLTAGE COMPARATORS (FB PIN)
VREF
FB Regulation Threshold
1.225
1.25
1.275
V
VOV
FB Over-Voltage Threshold
Measured with Respect to VREF
350
mV
IFB
FB Bias Current
10
nA
SOFT-START FUNCTION
tSS
Soft-Start Time
1.4
2.5
4.3
ms
THERMAL SHUTDOWN
TSD
Junction Shutdown Temperature
Junction Temperature Rising
170
°C
THYS
Junction Shutdown Hysteresis
20
°C
(3)
The tolerance of the minimum on-time (tON-4) and the current limit off-times (tOFF(CL1) through (tOFF(CL4)) track each other over process
and temperature variations. A device which has an on-time at the high end of the range will have an off-time that is at the high end of its
range.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5085 LM5085-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com