Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5085SDE/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM5085SDE/NOPB
Description  75V Constant On-Time PFET Buck Switching Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5085SDE/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5085SDE/NOPB Datasheet HTML 6Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 7Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 8Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 9Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 10Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 11Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 12Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 13Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
-
+
Q
R
+
S
Negative Bias
Regulator
Thermal
Shutdown
ON Time
One-Shot
Soft-Start
Gate Driver
Control Logic
VCC
UVLO
Gate
Driver
REGULATION
COMPARATOR
OVER-VOLTAGE
COMPARATOR
CURRENT
LIMIT
COMPARATOR
OFF Time
One-Shot
FB
LM5085
PGATE
ISEN
GND
VCC
ADJ
4.5V to 75V
Input
VIN
GND
SHUTDOWN
RT
CVCC
CADJ
RADJ
Q1
D1
L1
1.25V
RFB1
RFB2
CBYP
RSEN
VCC
VOUT
COUT
R3 C1
C2
1.6V
+
-
+
-
7.7V
40 PA
+
-
0.73V
+
-
VIN
RT
CIN
VIN
VIN
Duty Cycle =
tON
tON + tOFF
=
= tON x FS
VOUT
VIN
LM5085, LM5085-Q1
SNVS565I – NOVEMBER 2008 – REVISED AUGUST 2015
www.ti.com
7 Detailed Description
7.1 Overview
The LM5085 is a PFET buck (step-down) DC-DC controller using the constant on-time (COT) control principle.
The input operating voltage range of the LM5085 is 4.5V to 75V. The use of a PFET in a buck regulator greatly
simplifies the gate drive requirements and allows for 100% duty cycle operation to extend the regulation range
when operating at low input voltage. However, PFET transistors typically have higher on-resistance and gate
charge when compared to similarly rated NFET transistors. Consideration of available PFETs, input voltage
range, gate drive capability of the LM5085, and thermal resistances indicate an upper limit of 10A for the load
current for LM5085 applications. Constant on-time control is implemented using an on-time one-shot that is
triggered by the feedback signal. During the off-time, when the PFET (Q1) is off, the load current is supplied by
the inductor and the output capacitor. As the output voltage falls, the voltage at the feedback comparator input
(FB) falls below the regulation threshold. When this occurs Q1 is turned on for the one-shot period which is
determined by the input voltage (VIN) and the RT resistor. During the on-time the increasing inductor current
increases the voltage at FB above the feedback comparator threshold. For a buck regulator the basic relationship
between the on-time, off-time, input voltage and output voltage is:
(1)
where Fs is the switching frequency. Equation 1 is valid only in continuous conduction mode (inductor current
does not reach zero). Since the LM5085 controls the on-time inversely proportional to VIN, the switching
frequency remains relatively constant as VIN is varied. If the input voltage falls to a level that is equal to or less
than the regulated output voltage Q1 is held on continuously (100% duty cycle) and VOUT is approximately equal
to VIN.
The COT control scheme, with the feedback signal applied to a comparator rather than an error amplifier,
requires no loop compensation, resulting in very fast load transient response.
The LM5085 is available in both an 8-pin HVSSOP package and an 8-pin WSON package with an exposed pad
to aid in heat dissipation. An 8-pin VSSOP package without an exposed pad is also available.
7.2 Functional Block Diagram
Sense resistor method shown for current limit detection.
Minimum output ripple configuration shown.
10
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM5085 LM5085-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com