Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC811 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC811
Description  3-1/2 Digit Analog-To-Digital Converter with Hold and Differential Reference Inputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC811 Datasheet(HTML) 3 Page - Microchip Technology

  TC811 Datasheet HTML 1Page - Microchip Technology TC811 Datasheet HTML 2Page - Microchip Technology TC811 Datasheet HTML 3Page - Microchip Technology TC811 Datasheet HTML 4Page - Microchip Technology TC811 Datasheet HTML 5Page - Microchip Technology TC811 Datasheet HTML 6Page - Microchip Technology TC811 Datasheet HTML 7Page - Microchip Technology TC811 Datasheet HTML 8Page - Microchip Technology TC811 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
TC811
TC811-7 11/5/96
© 2001 Microchip Technology Inc.
DS21472A
3-1/2 Digit Analog-To-Digital Converter with
Hold and Differential Reference Inputs
ELECTRICAL CHARACTERISTICS: VSupply = 9V, fCLOCK = 32.768kHz, and TA = 25°C, unless otherwise noted.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
TCSF
Scale Factor Temperature
VIN = 199mV, 0°C ≤ TA ≤ 70°C
—
1
5
ppm/
°C
Coefficient
(ext. VREF tc = 0ppm)
Analog Common Section
VCTC
Analog Common
250K
Ω from V+ to Analog Common
—
—
—
—
Temperature Coefficient
0
°C ≤ TA ≤ 70°C—
—
—
—
"C" Commercial
—
35
75
ppm/
°C
"I" Industrial
—
35
100
ppm/
°C
VC
Analog Common Voltage
250k
Ω from V+ to Analog Common
2.7
3.05
3.35
Volts
Hold Pin Input Section
Input Resistance
Pin 1 to Pin 37
—
70
—
k
Ω
VIL
Input Low Voltage
Pin 1
—
—
Test +1.5
V
VIH
Input High Voltage
Pin 1
V+ – 1.5
—
—
V
LCD Drive Section3
VSD
LCD Segment Drive Voltage
V+ to V– = 9V
4
5
6
VP-P
VSD
LCD Backplane Drive Voltage
V+ to V– = 9V
4
5
6
VP-P
Power Supply
ISUP
Power Supply Current
VIN = 0V, V+ to V– = 9V
—
—
—
—
fOSC = 16kHz
—
70
100
µA
fOSC = 48kHz
—
90
125
µA
NOTES: 1. Input voltages may exceed supply voltages when input current is limited to 100
µA.
2. Dissipation rating assumes device is mounted with all leads soldered to a printed circuit board.
3. Backplane drive is in phase with the segment drive for "segment off" 180
° out of phase for "segment on." Frequency is 20 times the
conversion rate. Average DC component is less than 50mV.
V+
NORMAL PIN
CONFIGURATION
10's
100's
1000's
100's
TC811CPL
(40-PIN PDIP)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
1's
D2
C2
B2
A2
F2
E2
D3
B3
F3
E3
AB4
POL
(MINUS SIGN)
D1
C1
B1
A1
F1
G1
E1
10's
OSC
TEST
V
ANALOG
COMMON
CAZ
OSC2
HLDR
+
REF
V
–
REF
C
+
REF
C
–
REF
V
+
IN
V
–
IN
VBUFF
VINT
V –
G
C
A
G
BP
(BACKPLANE)
3
3
3
2
1
NC = NO INTERNAL CONNECTION
27
28
29
30
31
32
33
7
4
3
2
1
NC
TC811CKW
(PQFP)
12
13
14
15
17
18
G
44
43
42
41
39
38
40
16
37
36
35
34
19
20
21
22
26
8
25
9
24
10
23
11
5
6
C
V
TEST
NC
NC
HLDR
+
NC
OSC2
OSC1
2
3
A3
G3
BP
POL
AB4
E3
F3
B3
D1
C1
B1
PIN CONFIGURATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com