Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC811 Datasheet(PDF) 13 Page - Microchip Technology

Part # TC811
Description  3-1/2 Digit Analog-To-Digital Converter with Hold and Differential Reference Inputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC811 Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC811 Datasheet HTML 6Page - Microchip Technology TC811 Datasheet HTML 7Page - Microchip Technology TC811 Datasheet HTML 8Page - Microchip Technology TC811 Datasheet HTML 9Page - Microchip Technology TC811 Datasheet HTML 10Page - Microchip Technology TC811 Datasheet HTML 11Page - Microchip Technology TC811 Datasheet HTML 12Page - Microchip Technology TC811 Datasheet HTML 13Page - Microchip Technology TC811 Datasheet HTML 14Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
TC811
TC811-7 11/5/96
© 2001 Microchip Technology Inc.
DS21472A
3-1/2 Digit Analog-To-Digital Converter with
Hold and Differential Reference Inputs
PACKAGE DIMENSIONS (CONT.)
Dimensions: inches (mm)
44-Pin QFP
.557 (14.15)
.537 (13.65)
.398 (10.10)
.390 (9.90)
.031 (0.80) TYP.
.018 (0.45)
.012 (0.30)
.398 (10.10)
.390 (9.90)
.010 (0.25) TYP.
.096 (2.45) MAX.
.557 (14.15)
.537 (13.65)
.083 (2.10)
.075 (1.90)
.041 (1.03)
.026 (0.65)
7
° MAX.
.009 (0.23)
.005 (0.13)
PIN 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com