Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC811 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC811
Description  3-1/2 Digit Analog-To-Digital Converter with Hold and Differential Reference Inputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC811 Datasheet(HTML) 5 Page - Microchip Technology

  TC811 Datasheet HTML 1Page - Microchip Technology TC811 Datasheet HTML 2Page - Microchip Technology TC811 Datasheet HTML 3Page - Microchip Technology TC811 Datasheet HTML 4Page - Microchip Technology TC811 Datasheet HTML 5Page - Microchip Technology TC811 Datasheet HTML 6Page - Microchip Technology TC811 Datasheet HTML 7Page - Microchip Technology TC811 Datasheet HTML 8Page - Microchip Technology TC811 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
TC811
TC811-7 11/5/96
© 2001 Microchip Technology Inc.
DS21472A
3-1/2 Digit Analog-To-Digital Converter with
Hold and Differential Reference Inputs
where:
VREF = Reference voltage
tINT = Integration Time
tDEINT = Deintegration Time
GENERAL THEORY OF OPERATION
Dual-Slope Conversion Principles
(All Pin Designations Refer to 40-Pin DIP Package)
The TC811 is a dual slope, integrating analog-to-digital
converter. An understanding of the dual slope conversion
technique will aid the user in following the detailed TC811
theory of operation following this section. A conventional
dual slope converter measurement cycle has two distinct
phases:
1) Input Signal Integration
2) Reference Voltage Integration (Deintegration)
Referring to Figure 2, the unknown input signal to be
converted is integrated from zero for a fixed time period
(TINT), measured by counting clock pulses. A constant
reference voltage of the opposite polarity is then integrated
until the integrator output voltage returns to zero. The
reference integration (deintegration) time (TDEINT) is then
directly proportional to the unknown input voltage (VIN).
In a simple dual slope converter, a complete conversion
requires the integrator output to “ramp-up” from zero and
“ramp-down” back to zero. A simple mathematical equation
relates the input signal, reference voltage and integration
time:
30
20
10
0
0.1/T
1/T
10/T
INPUT FREQUENCY
T = MEASUREMENT PERIOD
Figure 2. Basic Dual Slope Converter
REF
VOLTAGE
ANALOG
INPUT
SIGNAL
+/–
DISPLAY
SWITCH
DRIVER
CONTROL
LOGIC
CLOCK
COUNTER
POLARITY CONTROL
PHASE
CONTROL
VIN
VIN
VFULL SCALE
1.2 VFULL SCALE
VARIABLE
REFERENCE
INTEGRATE
TIME
FIXED
SIGNAL
INTEGRATE
TIME
INTEGRATOR
C
COMPARATOR
≈
≈
VREF
+
TC811
33
35
240k
Ω
10k
Ω
31
29
39
40
VREF
–
0.47
µF
0.1
µF
V
–
1
OSC
2
OSC
TO ANALOG COMMON
(PIN 32)
2 CONVERSION/SEC
180k
Ω
0.068
µF
0.01
µF
ANALOG
INPUT
+
–
C
REF
34
C
REF
+
VIN
+
VIN
–
ANALOG
COMMON
VINT
VBUFF
CAZ
20
21
38
SEGMENT
DRIVE
9–19
22–25
POL
BP
V
+
MINUS SIGN
BACKPLANE
28
LCD
1M
Ω
27
30
32
33
36
9V
+
26
20pF
10pF
V +
V +
22M
Ω
470k
1
HLDR
0
tINT
∫
1
VREF tDEINT
RINT CINT
RINT CINT
VIN(t) dt =
[ ]
For a constant VINT:
VIN = VREF
tDEINT
tINT
Figure 3. Normal-Mode Rejection of
Dual Slope Converter
Figure 1. Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com