Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC811 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC811
Description  3-1/2 Digit Analog-To-Digital Converter with Hold and Differential Reference Inputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC811 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC811 Datasheet HTML 4Page - Microchip Technology TC811 Datasheet HTML 5Page - Microchip Technology TC811 Datasheet HTML 6Page - Microchip Technology TC811 Datasheet HTML 7Page - Microchip Technology TC811 Datasheet HTML 8Page - Microchip Technology TC811 Datasheet HTML 9Page - Microchip Technology TC811 Datasheet HTML 10Page - Microchip Technology TC811 Datasheet HTML 11Page - Microchip Technology TC811 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
TC811
© 2001 Microchip Technology Inc.
DS21472A
3-1/2 Digit Analog-To-Digital Converter with
Hold and Differential Reference Inputs
TC811-7 11/5/96
COMPONENT VALUE SELECTION
Auto Zero Capacitor - CAZ
The value of the Auto Zero capacitor (CAZ) has some
influence on system noise. A 0.47
µF capacitor is recom-
mended for 200mV full-scale applications where 1LSB is
100
µV. A 0.10µF capacitor should be used for 2.0V full-
scale applications. A capacitor with low dielectric absorption
(Mylar) is required.
Reference Voltage Capacitor -CREF
The reference voltage used to ramp the integrator
output voltage back to zero during the reference integrate
cycle is stored on CREF. A 0.1µF capacitor is typical. If the
application requires a sensitivity of 200mV full-scale, in-
crease CREF to 1.0µF. Rollover error will be held to less than
1/2 count. A good quality, low leakage capacitor, such as
Mylar, should be used.
Integrating Capacitor - CINT
CINT should be selected to maximize integrator output
voltage swing without causing output saturation. Analog
common will normally supply the differential voltage refer-
ence. For this case a
±2V integrator output swing is optimum
when the analog input is near full-scale. For 2 or 2.5 reading/
second (fOSC = 32kHz or 40kHz) and VFS = 200mV, a .068µF
value is suggested. If a different oscillator frequency is used,
CINT must be changed in inverse proportion to maintain the
nominal
±2V integrator swing. An exact expression for CINT
is :
CINT =
where:
fOSC = Clock frequency at Pin 39
VFS = Full-scale input voltage
RINT = Integrating resistor
VINT = Desired full-scale integrator output swing
CINT must have low dielectric absorption to minimize
roll-over error. A polypropylene capacitor is recommended.
Integrating Resistor -RINT
The input buffer amplifier and integrator are designed
with class A output stages which have idling currents of 6
µA.
The integrator and buffer can supply 1
µA drive currents with
negligible linearity errors. RINT is chosen to remain in the
output stage linear drive region but not so large that printed
circuit board leakage currents induce errors. For a 200mV
full-scale, RINT should be about 180kΩ. A 2.0V full-scale
requires abut 1.8M
Ω.
Oscillator Components
The internal oscillator has been designed to operate
with a quartz crystal, such as the Statek CX-1V series. Such
crystals are very small and are available in a variety of
standard frequencies. Note that fOSC is divided by four to
generate the TC811 internal control clock. The backplane
drive signal is derived by dividing fOSC by 800.
To achieve maximum rejection of ac-line noise pickup,
a 40kHz crystal should be used. This frequency will yield an
integration period of 100msec and will reject both 50Hz and
60Hz noise. For prototyping or cost-sensitive applications a
32.768kHz watch crystal can be used, and will produce
about 25dB of line-noise rejection. Other crystal frequen-
cies, from 16kHz to 48kHz, can also be used.
Pins 39 and 40 make up the oscillator section of the
TC811. Figures 6a and 6b show some typical conversion
rate component values.
The LCD backplane frequency is derived by dividing the
oscillator frequency by 800. Capacitive loading of the LCD
may compromise display performance if the oscillator is run
much over 48kHz.
Reference Voltage (VREF)
A full-scale reading (2000 counts) requires the input
signal be twice the reference voltage.
In some applications a scale factor other than unity may
exist, such as between a transducer output voltage and the
required digital reading. Assume, for example, a pressure
transducer output is 400mV for 2000lb/in2. Rather than
dividing the input voltage by two, the reference voltage
should be set to 200mV. This permits the transducer input to
be used directly.
9V
+
470k
22M
Ω
40.0 kHz
10pF
20pF
OSC2
V+
38
39
40
OSC1
TC811
4000 VFS
VINT RINT fOSC
Figure 6a. TC811 Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com