Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC811 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC811
Description  3-1/2 Digit Analog-To-Digital Converter with Hold and Differential Reference Inputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC811 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC811 Datasheet HTML 6Page - Microchip Technology TC811 Datasheet HTML 7Page - Microchip Technology TC811 Datasheet HTML 8Page - Microchip Technology TC811 Datasheet HTML 9Page - Microchip Technology TC811 Datasheet HTML 10Page - Microchip Technology TC811 Datasheet HTML 11Page - Microchip Technology TC811 Datasheet HTML 12Page - Microchip Technology TC811 Datasheet HTML 13Page - Microchip Technology TC811 Datasheet HTML 14Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
TC811
© 2001 Microchip Technology Inc.
DS21472A
3-1/2 Digit Analog-To-Digital Converter with
Hold and Differential Reference Inputs
TC811-7 11/5/96
Analog Common (Pin 32)
The Analog Common pin is set at a voltage potential
approximately 3.0V below V+. This potential is guaranteed
to be between 2.70V and 3.35V below V+. Analog common
is tied internally to an N channel FET capable of sinking
100
µA. This FET will hold the common line at 3.0V below V+
should an external load attempt to pull the common line
toward V+. Analog common source current is limited to 1
µA.
Analog common is therefore easily pulled to a more negative
voltage (i.e. below V+ – 3.0V).
The TC811 connects the internal VIN
+
and V
–
IN inputs to
Analog Common during the Auto Zero cycle. During the
reference integrate phase VIN
– is connected to Analog Com-
mon. If V
–
IN is not externally connected to Analog Common,
a common-mode voltage exists. This is rejected by the
converter’s 86dB common-mode rejection ratio. In battery
powered applications, Analog Common and V
–
IN are usually
connected, removing common-mode voltage concerns. In
systems where V
–
IN is connected to the power supply ground
or to a given voltage, Analog Common should be connected
to V
–
IN.
The Analog Common pin serves to set the analog
section reference or common point. The TC811 is specifi-
cally designed to operate from a battery or in any measure-
ment system where input signals are not referenced (float)
with respect to the TC811 power source. The Analog Com-
mon potential of V+ – 3.0V gives a 7V end of battery life
voltage. The analog common potential has a voltage coef-
ficient of 0.001%/%.
With a sufficiently high total supply voltage (V+ – V– >
7.0V), Analog Common is a very stable potential with
excellent temperature stability (typically 35ppm/
°C). This
potential can be used to generate the TC811 reference
voltage. An external voltage reference will be unnecessary
in most cases because of the 35ppm/
°C temperature coef-
ficient. See TC811 Internal Voltage Reference discussion.
TEST (Pin 37)
The TEST pin potential is 5V less the V+. TEST may be
used as the negative power supply connection when inter-
facing the TC811 to external CMOS logic. The TEST pin is
tied to the internally generated negative logic supply through
a 500
Ω resistor. The TEST pin may be used to sink up to
1mA. See the applications section for additional information
on using TEST as a negative digital logic supply.
If TEST is pulled “HIGH” (V+), all segments plus the
minus sign will be activated. Do not operate in this mode for
more than several minutes, because when TEST is pulled to
V+, the LCD Segments are impressed with a DC voltage
which may cause damage to the LCD.
APPLICATIONS INFORMATION
Decimal Point and Annunciator Drive
The TEST pin is connected to the internally generated
digital logic supply ground through a 500
Ω resistor. The
TEST pin may be used as the negative supply for external
CMOS gate segment drivers. LCD display annunciators for
decimal points, low battery indication, or function indication
may be added without adding an additional supply. No more
than 1mA should be supplied by the TEST pin. The TEST pin
potential is approximately 5V below V+.
Internal Voltage Reference
The TC811 Analog Common voltage temperature sta-
bility has been significantly improved. This improved device
can be used to upgrade old systems and design new
systems without external voltage references. External R and
C values do not need to be changed, however, noise
performance will be improved by increasing CAZ (See Auto
Zero Capacitor section). Figure 10 shows Analog Common
supplying the necessary voltage reference for the TC811.
TC811
BP
TEST
V+
V+
GND
TO LCD
DECIMAL
POINT
TO LCD
BACK-
PLANE
4049
TC811
DECIMAL
POINT
SELECT
V
+
V
+
TEST
GND
4030
TO LCD
DECIMAL
POINTS
BP
HDLR
TO "HOLD"
ANNUNCIATOR
Figure 9. Display Annunciator Drivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com