Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC826 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC826
Description  Analog-to-Digital Converter with Bar Graph Display Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC826 Datasheet(HTML) 3 Page - Microchip Technology

  TC826 Datasheet HTML 1Page - Microchip Technology TC826 Datasheet HTML 2Page - Microchip Technology TC826 Datasheet HTML 3Page - Microchip Technology TC826 Datasheet HTML 4Page - Microchip Technology TC826 Datasheet HTML 5Page - Microchip Technology TC826 Datasheet HTML 6Page - Microchip Technology TC826 Datasheet HTML 7Page - Microchip Technology TC826 Datasheet HTML 8Page - Microchip Technology TC826 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
© 2002 Microchip Technology Inc.
DS21477B-page 3
TC826
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage (V+ to V-) ....................................... 15V
Analog Input Voltage (Either Input) (Note 1)... V+ to V-
Power Dissipation (TA ≤ 70°C)
64-Pin Plastic Flat Package ............................... 1.14W
Operating Temperature Range:
Commercial Package (C) ........................ 0°C to +70°C
Storage Temperature Range .............. -65°C to +150°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC826 ELECTRICAL SPECIFICATIONS
Note
1: Input voltages may exceed the supply voltages when the input current is limited to 100
µA.
2: Static sensitive device. Unused devices should be stored in conductive material to protect devices from static discharge
and static fields.
3: Backplane drive is in phase with segment drive for ‘off’ segment and 180°C out of phase for ‘on’ segment. Frequency is
10 times conversion rate.
4: Logic input pins 58, 59, and 60 should be connected through 1M
Ω series resistors to V
SS for logic 0.
Electrical Characteristics: VS =9V; ROSC =430kΩ;TA = 25°C; Full Scale = 20mV, unless otherwise stated.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Zero Input
-0
±0
+0
Display
VIN =0.0V
Zero Reading Drift
—
0.2
1
µV/°C
VIN =0.0V
0°C
≤ TA ≤ +70°C
NL
Linearity Error
-1
0.5
+1
Count
Max Deviation from Best Straight Line
R/O
Rollover Error
-1
0
+1
Count
-VIN =+VIN
EN
Noise
—
60
—
µVP-P
VIN =0V
ILK
Input Leakage Current
—
10
20
pA
VIN =0V
CMRR
Common Mode Rejection Ratio
—
50
—
µV/V
VCM = ±1V
VIN =0V
Scale Factor Temperature Coefficient
—
1
—
ppm/°C
0
≤ T
A ≤ 7+0°C
External Ref. Temperature
Coefficient = 0ppm/°C
VCTC
Analog Common Temperature
Coefficient
—
35
100
ppm/°C
250k
Ω between Common and
V+, 0°C
≤ T
A ≤ +70°C
VCOM
Analog Common Voltage
2.7
2.9
3.35
V
250k
Ω between Common and VDD
VSD
LCD Segment Drive Voltage
4
5
6
VP-P
VBD
LCD Backplane Drive Voltage
4
5
6
VP-P
IDD
Power Supply Current
—
125
175
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com