Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC826 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC826
Description  Analog-to-Digital Converter with Bar Graph Display Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC826 Datasheet(HTML) 2 Page - Microchip Technology

  TC826 Datasheet HTML 1Page - Microchip Technology TC826 Datasheet HTML 2Page - Microchip Technology TC826 Datasheet HTML 3Page - Microchip Technology TC826 Datasheet HTML 4Page - Microchip Technology TC826 Datasheet HTML 5Page - Microchip Technology TC826 Datasheet HTML 6Page - Microchip Technology TC826 Datasheet HTML 7Page - Microchip Technology TC826 Datasheet HTML 8Page - Microchip Technology TC826 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TC826
DS21477B-page 2
© 2002 Microchip Technology Inc.
Package Type
Typical Application
30
29
28
50
51
25
52
24
53
23
54
22
55
21
56
20
57
19
58
18
59
17
60
31
5
6
7
8
9
10
11
12
13
14
15
41
40
39
38
37
36
35
34
33
47
46
62
63
64
49
26
1
2
3
4
45
44
43
42
BAR 30
BAR 29
BAR 28
BAR 27
BAR 26
BAR 25
BAR 24
BAR 23
BAR 22
BAR 21
BAR 20
BAR 19
BAR 18
NC
16
48
32
61
OSC1
BP
ANALOG
COMMON
+IN
-IN
REF IN
VDD
VSS
OSC2
BAR 0
CREF+
CREF-
VBUF
CAZ
VINT
NC
BAR 17
BAR 16
TC826CBU
27
64-Pin PQFP
5
8
2
43
60
59
15
TC826
CINT
CAZ
RINT
R2
R1
-IN +IN
9V
12
63
62
61
14
7
6
13
CREF
1.0mf
ROSC
430k
Ω
Backplane
41 Segment LCD
Bar Graph
11
10
9
VBUF
CAZ
VINT
CREF+
CREF-
OSC1
OSC2
BP
OR
BAR/DOT
HOLD
TEST
VSS
VDD
REF
IN
ANALOG
COMMON -IN +IN
BAR 0-
BAR 40 POL-
–OR
1M
Ω
1M
Ω
1M
Ω
Component
2V
Full Scale
200mV
Full Scale
20mV
Full Scale
RINT
CINT
CREF
2M
Ω
20k
Ω
20k
Ω
0.033mf
0.033mf
0.033mf
1mf
1mf
1mf
CAZ
0.068mf
0.068mf
0.014mf
R1 + R2 = 250kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com