Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC826 Datasheet(PDF) 14 Page - Microchip Technology

Part # TC826
Description  Analog-to-Digital Converter with Bar Graph Display Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC826 Datasheet(HTML) 14 Page - Microchip Technology

Back Button TC826 Datasheet HTML 10Page - Microchip Technology TC826 Datasheet HTML 11Page - Microchip Technology TC826 Datasheet HTML 12Page - Microchip Technology TC826 Datasheet HTML 13Page - Microchip Technology TC826 Datasheet HTML 14Page - Microchip Technology TC826 Datasheet HTML 15Page - Microchip Technology TC826 Datasheet HTML 16Page - Microchip Technology TC826 Datasheet HTML 17Page - Microchip Technology TC826 Datasheet HTML 18Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
TC826
DS21477B-page 14
© 2002 Microchip Technology Inc.
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
Package marking data not available at this time.
5.2
Taping Form
5.3
Package Dimensions
Component Taping Orientation for 64-Pin PQFP Devices
W
User Direction of Feed
PIN 1
Standard Reel Component Orientation
for TR Suffix Device
P
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
64-Pin PQFP
32 mm
24 mm
250
13 in
Carrier Tape, Number of Components Per Reel and Reel Size
Note: Drawing does not represent total number of pins.
.018 (0.45)
.012 (0.30)
.031 (0.80) TYP.
.555 (14.10)
.547 (13.90)
.555 (14.10)
.547 (13.90)
.687 (17.45)
.667 (16.95)
.687 (17.45)
.667 (16.95)
.010 (0.25) TYP.
.130 (3.30) MAX.
.120 (3.05)
.100 (2.55)
.041 (1.03)
.031 (0.78)
7
° MAX.
.009 (0.23)
.005 (0.13)
PIN 1
64-Pin PQFP
Dimensions: mm (inches)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com