Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC826 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC826
Description  Analog-to-Digital Converter with Bar Graph Display Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC826 Datasheet(HTML) 1 Page - Microchip Technology

  TC826 Datasheet HTML 1Page - Microchip Technology TC826 Datasheet HTML 2Page - Microchip Technology TC826 Datasheet HTML 3Page - Microchip Technology TC826 Datasheet HTML 4Page - Microchip Technology TC826 Datasheet HTML 5Page - Microchip Technology TC826 Datasheet HTML 6Page - Microchip Technology TC826 Datasheet HTML 7Page - Microchip Technology TC826 Datasheet HTML 8Page - Microchip Technology TC826 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© 2002 Microchip Technology Inc.
DS21477B-page 1
TC826
Features
• Bipolar A/D Conversion
• 2.5% Resolution
• Direct LCD Display Drive
• ‘Thermometer’ BAR or DOT Display
• 40 Data Segments Plus Zero
• Over Range Plus Polarity Indication
• Precision On-Chip Reference: 35ppm/°C
• Differential Analog Input
• Low Input Leakage: 10pA
• Display Flashes on Over Range
• Display HOLD Mode
• Auto-Zero Cycle Eliminates Zero Adjust
Potentiometer
• 9V Battery Operation
• Low Power Consumption: 1.1mW
• 20mV to 2.0V Full Scale Operation
• Non-Multiplexed LCD Drive for Maximum
Viewing Angle
Device Selection Table
General Description
In many applications, a graphical display is preferred
over a digital display. Knowing a process or system
operates, for example, within design limits is more valu-
able than a direct system variable read out. A bar or
moving dot display supplies information precisely with-
out requiring further interpretation by the viewer.
The TC826 is a complete analog-to-digital converter
with direct liquid crystal (LCD) display drive. The 40
LCD data segments plus zero driver give a 2.5% reso-
lution bar display. Full scale differential input voltage
range extends from 20mV to 2V. The TC826 sensitivity
is 500
µV. A low drift 35ppm/°C internal reference, LCD
backplane oscillator and driver, input polarity LCD
driver, and over range LCD driver make designs simple
and low cost. The CMOS design required only 125µA
from a 9V battery. In +5V systems, a TC7660 DC to DC
converter can supply the -5V supply. The differential
analog input leakage is a low 10pA.
Two display formats are possible. The BAR mode dis-
play is like a ‘thermometer’ scale. The LCD segment
driver that equals the input, plus all below it are on. The
DOT mode activates only the segment equal to the
input. In either mode, the polarity signal is active for
negative input signals. An over range input signal
causes the display to flash and activates the over range
annunciator. A HOLD mode can be selected that
freezes the display and prevents updating.
The dual slope integrating conversion method with
auto-zero phase maximizes noise immunity and elimi-
nates zero scale adjustment
potentiometers. Zero
scale drift is a low 5
µV/°C. Conversion rate is typically
5 per second and is adjustable by a single external
resistor.
A compact, 0.5" square, flat package minimizes PC
board area. The high pin count LSI package makes
multiplexed LCD displays unnecessary. Low cost,
direct drive LCD displays offer the widest viewing angle
and are readily available. A standard display is avail-
able now for TC826 prototyping work.
Part Number
Package
Temperature Range
TC826CBU
64-Pin PQFP
0
°Cto +70°C
Analog-to-Digital Converter with Bar Graph Display Output


Similar Part No. - TC826

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC826 TELCOM-TC826 Datasheet
122Kb / 12P
A/D CONVERTER WITH BAR GRAPH DISPLAY OUTPUT
logo
SHENZHEN FUMAN ELECTRON...
TC8261 FUMAN-TC8261 Datasheet
932Kb / 13P
Single lithium battery protection IC
TC8261-G2 FUMAN-TC8261-G2 Datasheet
932Kb / 13P
Single lithium battery protection IC
TC8261-G3 FUMAN-TC8261-G3 Datasheet
932Kb / 13P
Single lithium battery protection IC
logo
TelCom Semiconductor, I...
TC826CBU TELCOM-TC826CBU Datasheet
122Kb / 12P
A/D CONVERTER WITH BAR GRAPH DISPLAY OUTPUT
More results

Similar Description - TC826

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3115 NTE-NTE3115 Datasheet
20Kb / 2P
Bar Graph Display
logo
TelCom Semiconductor, I...
TC826 TELCOM-TC826 Datasheet
122Kb / 12P
A/D CONVERTER WITH BAR GRAPH DISPLAY OUTPUT
logo
NTE Electronics
NTE3113 NTE-NTE3113 Datasheet
71Kb / 2P
Bar Graph Display
NTE3111 NTE-NTE3111 Datasheet
66Kb / 1P
Red Bar Graph Display
logo
Lucky Light Electronic
KWL-201UX LUCKY-LIGHT-KWL-201UX Datasheet
43Kb / 1P
Light Bar Graph Array Display
KWL-401UX LUCKY-LIGHT-KWL-401UX Datasheet
44Kb / 1P
Light Bar Graph Array Display
KWL-801UX LUCKY-LIGHT-KWL-801UX Datasheet
45Kb / 1P
Light Bar Graph Array Display
KWL-1001UX LUCKY-LIGHT-KWL-1001UX Datasheet
46Kb / 1P
Light Bar Graph Array Display
logo
LIGITEK electronics co....
LBD1301-24S-XX LIGITEK-LBD1301-24S-XX Datasheet
141Kb / 8P
BAR GRAPH LED DISPLAY
logo
Banner Engineering Corp...
D10 BANNER-D10_V02 Datasheet
432Kb / 14P
D10 Expert??Series with Bar Graph Display and Discrete Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com