Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC826 Datasheet(PDF) 12 Page - Microchip Technology

Part # TC826
Description  Analog-to-Digital Converter with Bar Graph Display Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC826 Datasheet(HTML) 12 Page - Microchip Technology

Back Button TC826 Datasheet HTML 8Page - Microchip Technology TC826 Datasheet HTML 9Page - Microchip Technology TC826 Datasheet HTML 10Page - Microchip Technology TC826 Datasheet HTML 11Page - Microchip Technology TC826 Datasheet HTML 12Page - Microchip Technology TC826 Datasheet HTML 13Page - Microchip Technology TC826 Datasheet HTML 14Page - Microchip Technology TC826 Datasheet HTML 15Page - Microchip Technology TC826 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
TC826
DS21477B-page 12
© 2002 Microchip Technology Inc.
4.11
Polarity Indication (POL-, Pin 60)
The TC826 converts and displays data for positive and
negative input signals. The POL LCD segment driver
(Pin 60) is active for negative signals.
4.12
Oscillator Operation
The TC826 external oscillator frequency, FOSC,is set
by resistor ROSC connected between pins 13 and 14.
The oscillator frequency versus resistance curve is
shown in Figure 4-5.
FIGURE 4-5:
OSCILLATOR
FREQUENCY VS. ROSC
FOSC is divided by 32 to provide an internal system
clock, FYSY. Each conversion requires 80 internal
clock cycles. The internal system clock is divided by 8
to provide the LCD backplane drive frequency. The dis-
play flash rate during an input out-of-range signal is set
by dividing FSYS by 320.
The internal oscillator may be bypassed by driving
OSC1 (Pin 13) with an external signal generator. OSC2
(Pin 14) should be left unconnected.
The oscillator should swing from VDD to VSS in single
supply operation (Figure 4-6). In dual supply operation,
the signal should swing from power supply ground to
VDD.
FIGURE 4-6:
EXTERNAL OSCILLATOR
CONNECTION
4.13
LCD Display Format
The input signal can be displayed in two formats
(Figure 4-7). The BAR/DOT input (Pin 61) selects the
format. The TC826 measurement cycle operates
identically for either mode.
FIGURE 4-7:
DISPLAY OPTION
FORMATS
20
18
16
14
12
10
8
6
4
2
0
50
40
30
20
10
0
0
2468 10 12 14 16 18 20
TA = 25°C
VDD to VSS = 9V
ROSC (X 100kΩ)
9V
8
TC826
12
13
OSC1
14
OSC2
0.1
µf
External
Oscillator
A. Single 9V Supply
TC826
B. Dual Supply
0.1
µf
13
Oscillator
Power
Supply
VDD 8
12
VSS
VDD = 5V
VSS = 5V
Bar 4
Off
Off
Bar 3
Off
Off
Bar 2
Off
On
Bar 1
Off
On
Bar 0
Bar 4
Bar 3
Bar 2
Bar 1
Bar 0
On
Off
Off
Off
Off
On
On
1. Input = 0
A. BAR Mode
Off
Off
On
Off
Off
1. Input = 0
B. DOT Mode
2. Input = 5%
of Full Scale
2. Input = 5%
of Full Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com