Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS21 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # STS21
Description  Temperature Sensor IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STS21 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  STS21 Datasheet HTML 1Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 2Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 3Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 4Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 5Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 6Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 7Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 8Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.sensirion.com
Version 2 – December 2011
2/12
Sensor Performance
Temperature Specification
Parameter
Condition
min
typ
max
Units
Resolution1
14 bit
0.01
°C
12 bit
0.04
°C
Accuracy
tolerance2
typ
0.2
°C
max
see Figure 2
°C
Repeatability
0.1
°C
Operating Range extended
-40
125
°C
Response Time3
63%
5
30
s
Long Term Drift
< 0.04
°C/yr
± 0.0
± 0.5
± 1.0
± 1.5
± 2.0
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
T (°C)
maximal tolerance
typical tolerance
Figure 2 Typical and maximal tolerance for temperature sensor
in °C
1 Default measurement resolution is 14bit. It can be reduced to 13bit, 12bit or
11bit by command to user register.
2 Accuracies are tested at Outgoing Quality Control at 25°C and 3.0V. Values
exclude long term drift.
3 Response time depends on heat conductivity of sensor substrate.
Electrical Specification
Parameter
Conditions min
typ
max Units
Supply Voltage, VDD
2.1
3.0
3.6
V
Supply Current, IDD4
sleep mode
0.15
0.4
µA
measuring
200
300
330
µA
Power Dissipation4
sleep mode
0.5
1.2
µW
measuring
0.6
0.9
1.0
mW
average 11bit
8.6
µW
Communication
digital 2-wire interface, I2C protocol
Table 1
Electrical specification. For absolute maximum
values see Section 4.1 of Users Guide.
Packaging Information
Sensor Type
Packaging
Quantity
Order Number
STS21
Tape & Reel
400
1-100811-01
Tape & Reel
1500
1-100812-01
Tape & Reel
5000
1-100832-01
This datasheet is subject to change and may be amended
without prior notice.
4 Min and max values of Supply Current and Power Dissipation are based on
fixed VDD = 3.0V and T<60°C. The average value is based on one 11bit
measurement per second.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com