Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS21 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STS21
Description  Temperature Sensor IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STS21 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STS21 Datasheet HTML 1Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 2Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 3Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 4Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 5Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 6Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 7Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 8Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.sensirion.com
Version 2 – December 2011
1/12
Datasheet STS21
Temperature Sensor IC
Fully calibrated
Digital output, I2C interface
Low power consumption
Excellent long term stability
DFN type package – reflow solderable
Dimensions
Figure 1
Drawing of STS21 sensor package, dimensions are
given in mm (1mm = 0.039inch), tolerances are ±0.1mm. The
die pad (center pad) is internally connected to VSS. The NC
pads must be left floating. VSS = GND, SDA = DATA.
Numbering of E/O pads starts at lower right corner (indicated by
notch in die pad) and goes clockwise (compare Table 2).
Sensor Chip
STS21 features a generation 4C CMOSens® chip.
Besides the band gap temperature sensor, the chip
contains an amplifier, A/D converter, OTP memory and a
digital processing unit.
Material Contents
While the sensor itself is made of Silicon the sensors‟
housing consists of a plated Cu lead-frame and green
epoxy-based mold compound. The device is fully RoHS
and WEEE compliant, e.g. free of Pb, Cd and Hg.
Additional Information and Evaluation Kits
Additional information such as Application Notes is
available from the web page www.sensirion.com. For more
information
please
contact
Sensirion
via
info@sensirion.com.
For STS21 two Evaluation Kits are available: EK-H4, a
four-channel device with Viewer Software, that also serves
for data-logging, and a simple EK-H5 directly connecting
one sensor via USB port to a computer.
1.0
1.0
2.4
0.3
0.4
1.1
SCL
SDA
NC
NC
VSS
VDD
Bottom View
3.0
2.2
0.8 typ
0.3 typ
Product Summary
STS21, the new temperature sensor of Sensirion is about
to set new standards in terms of size and intelligence:
Embedded in a reflow solderable Dual Flat No leads
(DFN) package of 3 x 3mm foot print and 1.1mm height it
provides calibrated, linearized signals in digital, I2C
format.
Using the same CMOSens® technology as Sensirion‟s
successful and industry proven SHT2x humidity and
temperature sensors, the STS21 offers superior
performance and reliability. The ±0.2°C temperature
specification allows for implementation of the STS21 in
applications with high demands on temperature accuracy.
Every sensor is individually calibrated and tested. Lot
identification is printed on the sensor and an electronic
identification code is stored on the chip – which can be
read out by command. Furthermore, the resolution of
STS21 can be changed by command (11bit up to 14bit),
low battery can be detected and a checksum helps to
improve communication reliability.
With made improvements and the miniaturization of the
sensor the performance-to-price ratio has been improved
– and eventually, any device should benefit from the
cutting edge energy saving operation mode.


Similar Part No. - STS21

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
STS2 PANDUIT-STS2 Datasheet
81Kb / 1P
Cable Tie Tools – Installer Controlled Tension and Cut-Off
STS2 PANDUIT-STS2 Datasheet
77Kb / 2P
PAN-TY Cable Ties - Polypropylene
3/2008
STS2 PANDUIT-STS2 Datasheet
147Kb / 2P
Nylon 612 Cable Ties
12/2022
logo
STMicroelectronics
STS20N3LLH6 STMICROELECTRONICS-STS20N3LLH6 Datasheet
548Kb / 13P
Low gate drive power losses
17-Mar-2010
logo
List of Unclassifed Man...
STS20NHS3LL ETC1-STS20NHS3LL Datasheet
428Kb / 9P
N-CHANNEL 30 V - 0.0032 廓 - 20 A SO-8 STripFET?줚II MOSFET PLUS MONOLITHIC SCHOTTKY
More results

Similar Description - STS21

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6701S PANASONIC-AN6701S Datasheet
34Kb / 4P
Temperature Sensor IC
logo
TOKO, Inc
K11044 TOKO-K11044 Datasheet
37Kb / 5P
TEMPERATURE SENSOR IC
TK11031 TOKO-TK11031 Datasheet
37Kb / 6P
TEMPERATURE SENSOR IC
TK11032 TOKO-TK11032 Datasheet
40Kb / 6P
TEMPERATURE SENSOR IC
TK11033 TOKO-TK11033 Datasheet
41Kb / 6P
TEMPERATURE SENSOR IC
TK11034 TOKO-TK11034 Datasheet
42Kb / 6P
TEMPERATURE SENSOR IC
TK11041 TOKO-TK11041 Datasheet
32Kb / 4P
TEMPERATURE SENSOR IC
TK11042 TOKO-TK11042 Datasheet
33Kb / 4P
TEMPERATURE SENSOR IC
TK11043 TOKO-TK11043 Datasheet
33Kb / 4P
TEMPERATURE SENSOR IC
logo
Seiko Instruments Inc
S8110C SII-S8110C Datasheet
486Kb / 23P
CMOS TEMPERATURE SENSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com