Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS21 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # STS21
Description  Temperature Sensor IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STS21 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button STS21 Datasheet HTML 2Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 3Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 4Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 5Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 6Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 7Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 8Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 9Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Datasheet STS21
www.sensirion.com
Version 2 – December 2011
6/12
Parameter
min
typ
max Units
SCL frequency, fSCL
0
-
0.4
MHz
SCL High Time, tSCLH
0.6
-
-
µs
SCL Low Time, tSCLL
1.3
-
-
µs
SDA Set-Up Time, tSU
100
-
-
ns
SDA Hold Time, tHD
0
-
900
ns
SDA Valid Time, tVD
0
-
400
ns
SCL/SDA Fall Time, tF
0
-
100
ns
SCL/SDA Rise Time, tR
0
-
300
ns
Capacitive Load on Bus Line, CB
0
-
400
pF
Table 5 Timing specifications of digital input/output pads for I2C
fast mode. Entities are displayed in Figure 9. VDD = 2.1V to
3.6V, T = -40°C to 125°C, unless otherwise noted. For further
information
regarding
timing,
please
refer
to
http://www.standardics.nxp.com/support/i2c/.
5 Communication with Sensor
STS21 communicates with I2C protocol. For information on
I2C beyond the information in the following Sections
please refer to the following website:
http://www.standardics.nxp.com/support/i2c/.
Please note that all sensors are set to the same I2C
address, as defined in Section 5.3. 8
Furthermore, please note, that Sensirion provides an
exemplary sample code for SHT21 sensors on its home
page – compare www.sensirion.com/SHT21. This sample
code can be used for STS21 sensors with minor
adjustments (I2C address, no RH measurement).
5.1
Start Up Sensor
As a first step, the sensor is powered up to the chosen
supply voltage VDD (between 2.1V and 3.6V). After
power-up, the sensor needs at most 15ms, while SCL is
high, for reaching idle state, i.e. to be ready accepting
commands from the master (MCU). Current consumption
during start up is 350µA maximum. Whenever the sensor
is powered up, but not performing a measurement or
communicating, it is automatically in sleep mode (idle
state).
5.2
Start / Stop Sequence
Each transmission sequence begins with Start condition
(S) and ends with Stop condition (P) as displayed in Figure
10 and Figure 11.
8 For sensors with alternative I2C address please contact Sensirion via
info@sensirion.com.
Figure 10 Transmission Start condition (S) - a high to low
transition on the SDA line while SCL is high. The Start condition
is a unique state on the bus created by the master, indicating to
the slaves the beginning of a transmission sequence (bus is
considered busy after a Start).
Figure 11 Transmission Stop condition (P) - a low to high
transition on the SDA line while SCL is high. The Stop condition
is a unique state on the bus created by the master, indicating to
the slaves the end of a transmission sequence (bus is
considered free after a Stop).
5.3
Sending a Command
After sending the Start condition, the subsequent I2C
header consists of the 7-bit I2C device address „1001‟010‟
and an SDA direction bit (Read R: „1‟, Write W: „0‟). The
sensor indicates the proper reception of a byte by pulling
the SDA pin low (ACK bit) after the falling edge of the 8th
SCL clock. After the issue of a measurement command,
the MCU must wait for the measurement to complete. The
basic commands are summarized in Table 6. Hold master
or no hold master modes are explained in the next
Section.
Command
Comment
Code
Trigger T measurement
hold master
1110‟0011
Trigger T measurement
no hold master 1111‟0011
Write user register
1110‟0110
Read user register
1110‟0111
Soft reset
1111‟1110
Table 6 Basic command set, T stands for temperature
5.4
Hold / No Hold Master Mode
There are two different operation modes to communicate
with the sensor: Hold Master mode or No Hold Master
mode. In the first case the SCL line is blocked (controlled
by sensor) during measurement process while in the latter
case the SCL line remains open for other communication
while the sensor is processing the measurement. No hold
master mode allows for processing other I2C
communication tasks on a bus while the sensor is
measuring. A communication sequence of the two modes
is displayed in Figure 12 and Figure 13, respectively.
SDA
SCL
70%
30%
70%
30%
SDA
SCL
70%
30%
70%
30%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com